Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8353ACP-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8353ACP-R2
Description  1 MHz to 2.7 GHz RF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8353ACP-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8353ACP-R2 Datasheet HTML 8Page - Analog Devices AD8353ACP-R2 Datasheet HTML 9Page - Analog Devices AD8353ACP-R2 Datasheet HTML 10Page - Analog Devices AD8353ACP-R2 Datasheet HTML 11Page - Analog Devices AD8353ACP-R2 Datasheet HTML 12Page - Analog Devices AD8353ACP-R2 Datasheet HTML 13Page - Analog Devices AD8353ACP-R2 Datasheet HTML 14Page - Analog Devices AD8353ACP-R2 Datasheet HTML 15Page - Analog Devices AD8353ACP-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8353
Rev. B | Page 15 of 16
EVALUATION BOARD
Figure 40 shows the schematic of the AD8353 evaluation board.
Note that L1 is shown as an optional component that is used to
obtain maximum gain only when VP = 3 V. The board is powered
by a single supply in the 2.7 V to 5.5 V range. The power supply
is decoupled by a 0.47 μF and a 100 pF capacitor.
6
5
7
8
NC = NO CONNECT
COM1
NC
RFIN
COM1
RFOUT
VPOS
COM2
COM2
AD8353
C3
100pF
C4
0.47
μF
OUTPUT
1
2
3
4
C1
1000pF
C2
1000pF
INPUT
L1
Figure 40. Evaluation Board Schematic
Table 5. Evaluation Board Configuration Options
Component
Function
Default
Value
C1, C2
AC coupling capacitors.
1000 pF,
0603
C3
High frequency bypass capacitor.
100 pF
0603
C4
Low frequency bypass capacitor.
0.47 μF,
0603
L1
Optional RF choke, used to increase
current through output stage when
VP = 3 V. Not recommended for use
when VP = 5 V.
100 nH,
0603
Figure 41. Silkscreen Top
Figure 42. Component Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com