Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 34Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 35Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 36Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 37Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 34 of 40
INH
LNA
5Ω
200Ω
50Ω
LMD
LOP
ADG736
LON
0.1µF
18nF
280Ω
1.13kΩ
AD8332
5Ω
SELECT RFB
Using the EVAL-AD8332/AD9238 evaluation board and a high
speed ADC FIFO evaluation kit connected to a laptop, an FFT
can be performed on the AD8332. With the on-board clock of
20 MHz, minimal low-pass filtering, and both channels driven
with a 1 MHz filtered sine wave, the THD is −75 dB, noise floor
is −93 dB, and HD2 is −83 dB.
HIGH DENSITY QUAD LAYOUT
The AD8334 is the ideal solution for applications with limited
board space. Figure 94 represents four channels routed to and
away from this very compact quad VGA. Note that none of the
signal paths crosses and that all four channels are spaced apart
to eliminate crosstalk.
Figure 90. Accommodating Multiple Sources
ULTRASOUND TGC APPLICATION
In this example, all of the components shown are 0402 size;
however, the same layout is executable at the expense of slightly
more board area. The sketch also assumes that both sides of the
printed circuit board are available for components, and that the
bypass and power supply decoupling circuitry is located on the
wiring side of the board.
The AD8332 ideally meets the requirements of medical and
industrial ultrasound applications. The TGC amplifier is a key
subsystem in such applications, because it provides the means
for echolocation of reflected ultrasound energy.
Figure 91 through Figure 93 are schematics of a dual, fully
differential system using the AD8332 and the AD9238, 12-bit
high speed ADC with conversion speeds as high as 65 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com