Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # AD8332ACPZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD8332ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 34Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 35Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 36Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 37Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 38Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 39Page - Analog Devices AD8332ACPZ-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 40 of 40
*COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
EXCEPT FOR EXPOSED PAD DIMENSION
PIN 1
INDICATOR
TOP
VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
17
49
48
32
33
0.45
0.40
0.35
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
*4.85
4.70 SQ
4.55
EXPOSED PAD
(BOTTOM VIEW)
0.30
0.25
0.18
SEATING
PLANE
PIN 1
INDICATOR
THE EXPOSE PAD IS NOT CONNECTED
INTERNALLY. FOR INCREASED RELIABILITY
OF THE SOLDER JOINTS AND MAXIMUM
THERMAL CAPABILITY IT IS RECOMMENDED
THAT THE PAD BE SOLDERED TO
THE GROUND PLANE.
16
Figure 98. 64-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
9 mm × 9 mm Body, Very Thin Quad
(CP-64-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8331ARQ
–40°C to +85°C
20-Lead Shrink Small Outline Package (QSOP)
RQ-20
AD8331ARQ-REEL
–40°C to +85°C
20-Lead Shrink Small Outline Package (QSOP)
RQ-20
AD8331ARQ-REEL7
–40°C to +85°C
20-Lead Shrink Small Outline Package (QSOP)
RQ-20
AD8331ARQZ1
–40°C to +85°C
20-Lead Shrink Small Outline Package (QSOP)
RQ-20
AD8331ARQZ-RL1
–40°C to +85°C
20-Lead Shrink Small Outline Package (QSOP)
RQ-20
AD8331ARQZ-R71
–40°C to +85°C
20-Lead Shrink Small Outline Package (QSOP)
RQ-20
AD8331-EVAL
Evaluation Board with AD8331ARQ
AD8332ACP-R2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
AD8332ACP-REEL
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
AD8332ACP-REEL7
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
AD8332ACPZ-R71
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
AD8332ACPZ-RL1
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
AD8332ARU
–40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ARU-REEL
–40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ARU-REEL7
–40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ARUZ1
–40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ARUZ-R71
–40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ARUZ-RL1
–40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332-EVAL
Evaluation Board with AD8332ARU
EVAL-AD8332/AD9238
Evaluation Board with AD8332ARU and AD9238 ADC
AD8334ACPZ-WP1
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-64-1
AD8334ACPZ-REEL1
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-64-1
AD8334ACPZ-REEL71
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-64-1
AD8334-EVAL
Evaluation Board with AD8334ACP
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03199-0-4/06(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com