Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89S53_06 Datasheet HTML 21Page - ATMEL Corporation AT89S53_06 Datasheet HTML 22Page - ATMEL Corporation AT89S53_06 Datasheet HTML 23Page - ATMEL Corporation AT89S53_06 Datasheet HTML 24Page - ATMEL Corporation AT89S53_06 Datasheet HTML 25Page - ATMEL Corporation AT89S53_06 Datasheet HTML 26Page - ATMEL Corporation AT89S53_06 Datasheet HTML 27Page - ATMEL Corporation AT89S53_06 Datasheet HTML 28Page - ATMEL Corporation AT89S53_06 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25
0787E–MICRO–3/06
AT89S53
Notes:
1. Under steady state (non-transient) conditions, IOL
must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1,2, 3: 15 mA
Maximum total I
OL for all output pins: 71 mA
If I
OL exceeds the test condition, V
OL may exceed the
related specification. Pins are not guaranteed to sink
current greater than the listed test conditions.
2. Minimum V
CC for Power-down is 2V.
Absolute Maximum Ratings*
Operating Temperature.................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage ............................................ 6.6V
DC Output Current...................................................... 15.0 mA
DC Characteristics
The values shown in this table are valid for T
A = -40°C to 85°C and VCC = 4.0V to 6.0V, unless otherwise noted
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low-voltage
(Except EA)
-0.5
0.2 V
CC - 0.1
V
VIL1
Input Low-voltage (EA)
-0.5
0.2 VCC - 0.3
V
VIH
Input Hight-voltage
(Except XTAL1, RST)
0.2 VCC + 0.9
VCC + 0.5
V
V
IH1
Input Hight-voltage
(XTAL1, RST)
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low-voltage (1)
(Ports 1,2,3)
I
OL = 1.6 mA
0.5
V
VOL1
Output Low-voltage (1)
(Port 0, ALE, PSEN)
IOL = 3.2 mA
0.5
V
V
OH
Output Hight-voltage
(Ports 1,2,3, ALE, PSEN)
I
OH = -60 µA, VCC = 5V ± 10%
2.4
V
I
OH = -25 µA
0.75 V
CC
V
IOH = -10 µA
0.9 VCC
V
V
OH1
Output Hight-voltage
(Port 0 in External Bus Mode)
I
OH = -800 µA, VCC = 5V ± 10%
2.4
V
I
OH = -300 µA
0.75 V
CC
V
IOH = -80 µA
0.9 VCC
V
I
IL
Logical 0 Input Current (Ports 1,2,3)
V
IN = 0.45V
-50
µA
I
TL
Logical 1 to 0 Transition Current (Ports 1,2,3)
V
IN = 2V, VCC = 5V ± 10%
-650
µA
ILI
Input Leakage Current
(Port 0, EA)
0.45 < VIN < VCC
±10
µA
RRST
Reset Pull-down Resistor
50
300
K
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C
10
pF
ICC
Power Supply Current
Active Mode, 12 MHz
25
mA
Idle Mode, 12 MHz
6.5
mA
Power-down Mode (2)
V
CC = 6V
100
µA
VCC = 3V
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com