Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89S53_06 Datasheet HTML 22Page - ATMEL Corporation AT89S53_06 Datasheet HTML 23Page - ATMEL Corporation AT89S53_06 Datasheet HTML 24Page - ATMEL Corporation AT89S53_06 Datasheet HTML 25Page - ATMEL Corporation AT89S53_06 Datasheet HTML 26Page - ATMEL Corporation AT89S53_06 Datasheet HTML 27Page - ATMEL Corporation AT89S53_06 Datasheet HTML 28Page - ATMEL Corporation AT89S53_06 Datasheet HTML 29Page - ATMEL Corporation AT89S53_06 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
0787E–MICRO–3/06
AT89S53
AC Characteristics
Under operating conditions, load capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; load capacitance for all other
outputs = 80 pF.
External Program and Data Memory Characteristics
Symbol
Parameter
12MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
1/t
CLCL
Oscillator Frequency
0
24
MHz
tLHLL
ALE Pulse Width
127
2tCLCL - 40
ns
tAVLL
Address Valid to ALE Low
43
tCLCL - 13
ns
t
LLAX
Address Hold after ALE Low
48
t
CLCL - 20
ns
tLLIV
ALE Low to Valid Instruction In
233
4tCLCL - 65
ns
tLLPL
ALE Low to PSEN Low
43
tCLCL - 13
ns
t
PLPH
PSEN Pulse Width
205
3t
CLCL - 20
ns
tPLIV
PSEN Low to Valid Instruction In
145
3tCLCL - 45
ns
tPXIX
Input Instruction Hold after PSEN
0
0
ns
t
PXIZ
Input Instruction Float after PSEN
59
t
CLCL - 10
ns
tPXAV
PSEN to Address Valid
75
tCLCL - 8
ns
tAVIV
Address to Valid Instruction In
312
5tCLCL - 55
ns
t
PLAZ
PSEN Low to Address Float
10
10
ns
tRLRH
RD Pulse Width
400
6tCLCL - 100
ns
t
WLWH
WR Pulse Width
400
6t
CLCL - 100
ns
t
RLDV
RD Low to Valid Data In
252
5t
CLCL - 90
ns
tRHDX
Data Hold after RD
0
0
ns
t
RHDZ
Data Float after RD
97
2t
CLCL - 28
ns
t
LLDV
ALE Low to Valid Data In
517
8t
CLCL - 150
ns
tAVDV
Address to Valid Data In
585
9tCLCL - 165
ns
t
LLWL
ALE Low to RD or WR Low
200
300
3t
CLCL - 50
3t
CLCL + 50
ns
t
AVWL
Address to RD or WR Low
203
4t
CLCL - 75
ns
tQVWX
Data Valid to WR Transition
23
tCLCL - 20
ns
t
QVWH
Data Valid to WR High
433
7t
CLCL - 120
ns
t
WHQX
Data Hold after WR
33
t
CLCL - 20
ns
tRLAZ
RD Low to Address Float
0
0
ns
t
WHLH
RD or WR High to ALE High
43
123
t
CLCL - 20
t
CLCL + 25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com