Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89S53 Datasheet HTML 14Page - ATMEL Corporation AT89S53 Datasheet HTML 15Page - ATMEL Corporation AT89S53 Datasheet HTML 16Page - ATMEL Corporation AT89S53 Datasheet HTML 17Page - ATMEL Corporation AT89S53 Datasheet HTML 18Page - ATMEL Corporation AT89S53 Datasheet HTML 19Page - ATMEL Corporation AT89S53 Datasheet HTML 20Page - ATMEL Corporation AT89S53 Datasheet HTML 21Page - ATMEL Corporation AT89S53 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
AT89S53
0787E–MICRO–3/06
18
Idle Mode
In idle mode, the CPU puts itself to sleep while all the on-
chip peripherals remain active. The mode is invoked by
software. The content of the on-chip RAM and all the spe-
cial functions registers remain unchanged during this
mode. The idle mode can be terminated by any enabled
interrupt or by a hardware reset.
Note that when idle mode is terminated by a hardware
reset, the device normally resumes program execution
from where it left off, up to two machine cycles before the
internal reset algorithm takes control. On-chip hardware
inhibits access to internal RAM in this event, but access to
the port pins is not inhibited. To eliminate the possibility of
an unexpected write to a port pin when idle mode is termi-
nated by a reset, the instruction following the one that
invokes idle mode should not write to a port pin or to exter-
nal memory.
Power-down Mode
In the power-down mode, the oscillator is stopped and the
instruction that invokes power-down is the last instruction
executed. The on-chip RAM and Special Function Regis-
ters retain their values until the power-down mode is
terminated. Exit from power-down can be initiated either by
a hardware reset or by an enabled external interrupt. Reset
redefines the SFRs but does not change the on-chip RAM.
The reset should not be activated before V
CC is restored to
its normal operating level and must be held active long
enough to allow the oscillator to restart and stabilize.
To exit power-down via an interrupt, the external interrupt
must be enabled as level sensitive before entering power-
down. The interrupt service routine starts at 16 ms (nomi-
nal) after the enabled interrupt pin is activated.
Program Memory Lock Bits
The AT89S53 has three lock bits that can be left unpro-
grammed (U) or can be programmed (P) to obtain the
additional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin
is sampled and latched during reset. If the device is pow-
ered up without a reset, the latch initializes to a random
value and holds that value until reset is activated. The
latched value of EA must agree with the current logic level
at that pin in order for the device to function properly.
Once programmed, the lock bits can only be unpro-
grammed with the Chip Erase operations in either the
parallel or serial modes.
Notes:
1. U = Unprogrammed
2. P = Programmed
Status of External Pins During Idle and Power-down Modes
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
Lock Bit Protection Modes(1)(2)
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No internal memory lock feature.
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching code bytes
from internal memory. EA is sampled and latched on reset and further programming of the Flash
memory (parallel or serial mode) is disabled.
3
P
P
U
Same as Mode 2, but parallel or serial verify are also disabled.
4
P
P
P
Same as Mode 3, but external execution is also disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com