Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89S53 Datasheet HTML 1Page - ATMEL Corporation AT89S53 Datasheet HTML 2Page - ATMEL Corporation AT89S53 Datasheet HTML 3Page - ATMEL Corporation AT89S53 Datasheet HTML 4Page - ATMEL Corporation AT89S53 Datasheet HTML 5Page - ATMEL Corporation AT89S53 Datasheet HTML 6Page - ATMEL Corporation AT89S53 Datasheet HTML 7Page - ATMEL Corporation AT89S53 Datasheet HTML 8Page - ATMEL Corporation AT89S53 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
• Compatible with MCS-51™ Products
• 12K Bytes of In-System Reprogrammable Downloadable Flash Memory
– SPI Serial Interface for Program Downloading
– Endurance: 1,000 Write/Erase Cycles
• 4V to 6V Operating Range
• Fully Static Operation: 0 Hz to 24 MHz
• Three-level Program Memory Lock
• 256 x 8-bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Nine Interrupt Sources
• Programmable UART Serial Channel
• SPI Serial Interface
• Low-power Idle and Power-down Modes
• Interrupt Recovery From Power-down
• Programmable Watchdog Timer
• Dual Data Pointer
• Power-off Flag
Description
The AT89S53 is a low-power, high-performance CMOS 8-bit microcomputer with 12K
bytes of downloadable Flash programmable and erasable read only memory. The
device is manufactured using Atmel’s high-density nonvolatile memory technology
and is compatible with the industry-standard 80C51 instruction set and pinout. The on-
chip downloadable Flash allows the program memory to be reprogrammed in-system
through an SPI serial interface or by a conventional nonvolatile memory programmer.
By combining a versatile 8-bit CPU with downloadable Flash on a monolithic chip, the
Atmel AT89S53 is a powerful microcomputer which provides a highly-flexible and
cost-effective solution to many embedded control applications.
The AT89S53 provides the following standard features: 12K bytes of downloadable
Flash, 256 bytes of RAM, 32 I/O lines, programmable watchdog timer, two Data Point-
ers, three 16-bit timer/counters, a six-vector two-level interrupt architecture, a full
duplex serial port, on-chip oscillator, and clock circuitry. In addition, the AT89S53 is
designed with static logic for operation down to zero frequency and supports two soft-
ware selectable power saving modes. The Idle Mode stops the CPU while allowing the
RAM, timer/counters, serial port, and interrupt system to continue functioning. The
Power-down mode saves the RAM contents but freezes the oscillator, disabling all
other chip functions until the next interrupt or hardware reset.
The downloadable Flash can change a single byte at a time and is accessible through
the SPI serial interface. Holding RESET active forces the SPI bus into a serial pro-
gramming interface and allows the program memory to be written to or read from
unless Lock Bit 2 has been activated.
8-bit
Microcontroller
with 12K Bytes
Flash
AT89S53
Not Recommended
for New Designs.
Use AT89S8253.
0787E–MICRO–3/06


Similar Part No. - AT89S53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53 Datasheet
448Kb / 33P
8-bit Microcontroller with 12K Bytes Flash
logo
List of Unclassifed Man...
AT89S53 ETC2-AT89S53 Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
ATMEL Corporation
AT89S53-16AA ATMEL-AT89S53-16AA Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53-16JA ATMEL-AT89S53-16JA Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
More results

Similar Description - AT89S53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
8-bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
8-bit Microcontroller with 12K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com