Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL2012-F3N3K Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL2012-F3N3K
Description  Wirewound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL2012-F3N3K Datasheet(HTML) 1 Page - TOKO, Inc

  LL2012-F3N3K Datasheet HTML 1Page - TOKO, Inc LL2012-F3N3K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
R-LOG1104A
TYPE
LLQ2012
Wirewound Chip Inductors
Features
• Inductance tolerance:
±2%, ±5%, ±10%
• EIA standard 0805 footprint (2.0mm x 1.2mm)
• Lead-free terminations
• High Q
• High self-resonant frequency
• Operating temperature: –40
°C to +125°C
• Packaged on tape and reel in 3,000 piece quantity
• Reflow solderable
Part Numbering
ELECTRICAL CHARACTERISTICS
Dimensions
Recommended
Footprint
The TOKO LLQ2012 Series is a wirewound ceramic chip inductor
that conforms to the EIA standard 0805 footprint and delivers
superb Q and SRF performance with high inductance tolerance.
Unit: mm
Tolerance:
±0.1mm
1.27
0.70
1.42 max.
1.70 max.
1.78
10000
1000
100
10
Frequency (MHz)
Q vs Frequency
0
40
80
120
100
60
20
47N
6N8
R12
22N
10000
1000
100
10
Frequency (MHz)
Inductance vs Frequency
1
10
100
1000
R12
47N
22N
6N8
LLQ 2012 - F 2N7 J
Tolerance
(G=
±2%, J=±5%, K=±10%)
Inductance
Material
Dimensions (LxW)
Type Name


Similar Part No. - LL2012-F3N3K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL2012-F3N3K TOKO-LL2012-F3N3K Datasheet
196Kb / 2P
Multilayer Chip Inductors
More results

Similar Description - LL2012-F3N3K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
Wirewound Chip Inductors
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com