Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL2012-F3N3K Datasheet(PDF) 2 Page - TOKO, Inc

Part # LL2012-F3N3K
Description  Wirewound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL2012-F3N3K Datasheet(HTML) 2 Page - TOKO, Inc

  LL2012-F3N3K Datasheet HTML 1Page - TOKO, Inc LL2012-F3N3K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
Meeting Your Needs
R-LOG1104A
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
TYPE
LLQ2012
Wirewound Chip Inductors
STANDARD PARTS SELECTION GUIDE
TYPE LLQ2012
* Add tolerance to part number: G =
±2%, J = ±5%, K = ±10%
Testing Conditions: L,Q: Agilent 4287A (Test fixture Agilent 16193A).
SRF: Agilent 8720ES.
RDC: Agilent 34420A.
IDC: Agilent 34401A
O
K
O
T
r
e
b
m
u
N
t
r
a
P
e
c
n
a
t
c
u
d
n
IQ
t
n
a
n
o
s
e
R
f
l
e
S
y
c
n
e
u
q
e
r
F
)
z
H
M
(
.
n
i
m
C
D
e
c
n
a
t
s
i
s
e
R
(
Ω
.
x
a
m
)
C
D
I
)
A
m
(
.
x
a
m
o
L
)
H
n
(
e
c
n
a
r
e
l
o
T
.
q
e
r
F
t
s
e
T
)
z
H
M
(
Q
)
.
n
i
m
(
.
q
e
r
F
t
s
e
T
)
z
H
M
(
*
_
7
N
2
F
-
2
1
0
2
Q
L
L7
.
2K
,
J0
5
20
80
0
5
10
0
9
76
0
.
00
0
8
*
_
0
N
3
F
-
2
1
0
2
Q
L
L0
.
3K
,
J0
5
25
60
0
5
10
0
9
76
0
.
00
0
8
*
_
3
N
3
F
-
2
1
0
2
Q
L
L3
.
3K
,
J0
5
20
50
0
5
10
0
9
78
0
.
00
0
6
*
_
6
N
5
F
-
2
1
0
2
Q
L
L6
.
5K
,
J0
5
25
60
0
0
10
0
5
58
0
.
00
0
6
*
_
8
N
6
F
-
2
1
0
2
Q
L
L8
.
6K
,
J0
5
20
50
0
0
10
0
5
51
1
.
00
0
6
*
_
5
N
7
F
-
2
1
0
2
Q
L
L5
.
7K
,
J0
5
20
50
0
0
10
0
5
44
1
.
00
0
6
*
_
2
N
8
F
-
2
1
0
2
Q
L
L2
.
8K
,
J
,
G0
5
20
50
0
0
10
0
7
42
1
.
00
0
6
*
_
N
0
1
F
-
2
1
0
2
Q
L
L0
1K
,
J
,
G0
5
20
60
0
50
0
2
40
1
.
00
0
6
*
_
N
2
1
F
-
2
1
0
2
Q
L
L2
1K
,
J
,
G0
5
20
50
0
50
0
0
45
1
.
00
0
6
*
_
N
5
1
F
-
2
1
0
2
Q
L
L5
1K
,
J
,
G0
5
20
50
0
50
0
4
37
1
.
00
0
6
*
_
N
8
1
F
-
2
1
0
2
Q
L
L8
1K
,
J
,
G0
5
20
50
0
50
0
3
30
2
.
00
0
6
*
_
N
2
2
F
-
2
1
0
2
Q
L
L2
2K
,
J
,
G0
5
25
50
0
50
0
6
22
2
.
00
0
5
*
_
N
4
2
F
-
2
1
0
2
Q
L
L4
2K
,
J
,
G0
5
20
50
0
50
0
0
22
2
.
00
0
5
*
_
N
7
2
F
-
2
1
0
2
Q
L
L7
2K
,
J
,
G0
5
25
50
0
50
0
5
25
2
.
00
0
5
*
_
N
3
3
F
-
2
1
0
2
Q
L
L3
3K
,
J
,
G0
5
20
60
0
50
5
0
27
2
.
00
0
5
*
_
N
6
3
F
-
2
1
0
2
Q
L
L6
3K
,
J
,
G0
5
25
50
0
50
0
7
17
2
.
00
0
5
*
_
N
9
3
F
-
2
1
0
2
Q
L
L9
3K
,
J
,
G0
5
20
60
0
50
0
0
29
2
.
00
0
5
*
_
N
3
4
F
-
2
1
0
2
Q
L
L3
4K
,
J
,
G0
0
20
60
0
50
5
6
14
3
.
00
0
5
*
_
N
7
4
F
-
2
1
0
2
Q
L
L7
4K
,
J
,
G0
0
20
60
0
50
5
6
11
3
.
00
0
5
*
_
N
6
5
F
-
2
1
0
2
Q
L
L6
5K
,
J
,
G0
0
20
60
0
50
5
5
14
3
.
00
0
5
*
_
N
8
6
F
-
2
1
0
2
Q
L
L8
6K
,
J
,
G0
0
20
60
0
50
5
4
18
3
.
00
0
5
*
_
N
2
8
F
-
2
1
0
2
Q
L
L2
8K
,
J
,
G0
5
15
60
0
50
0
3
12
4
.
00
0
4
*
_
N
1
9
F
-
2
1
0
2
Q
L
L1
9K
,
J
,
G0
5
15
60
0
50
0
2
18
4
.
00
0
4
*
_
0
1
R
F
-
2
1
0
2
Q
L
L0
0
1K
,
J
,
G0
5
15
60
0
50
0
2
16
4
.
00
0
4
*
_
1
1
R
F
-
2
1
0
2
Q
L
L0
1
1K
,
J
,
G0
5
10
50
5
20
0
0
18
4
.
00
0
4
*
_
2
1
R
F
-
2
1
0
2
Q
L
L0
2
1K
,
J
,
G0
5
10
50
5
20
0
1
11
5
.
00
0
4
*
_
5
1
R
F
-
2
1
0
2
Q
L
L0
5
1K
,
J
,
G0
0
10
50
5
20
2
96
5
.
00
0
4
*
_
8
1
R
F
-
2
1
0
2
Q
L
L0
8
1K
,
J
,
G0
0
10
50
5
20
7
84
6
.
00
0
4
*
_
2
2
R
F
-
2
1
0
2
Q
L
L0
2
2K
,
J
,
G0
0
10
50
5
20
5
80
7
.
00
0
4
*
_
4
2
R
F
-
2
1
0
2
Q
L
L0
4
2K
,
J
,
G0
0
14
40
5
20
9
60
0
.
10
5
3
*
_
7
2
R
F
-
2
1
0
2
Q
L
L0
7
2K
,
J
,
G0
0
18
40
5
20
5
60
0
.
10
5
3
*
_
3
3
R
F
-
2
1
0
2
Q
L
L0
3
3K
,
J
,
G0
0
18
40
5
20
0
60
4
.
10
1
3
*
_
9
3
R
F
-
2
1
0
2
Q
L
L0
9
3K
,
J
,
G0
0
18
40
5
20
6
50
5
.
10
9
2
*
_
7
4
R
F
-
2
1
0
2
Q
L
L0
7
4K
,
J0
53
30
0
15
7
36
7
.
10
5
2
*
_
6
5
R
F
-
2
1
0
2
Q
L
L0
6
5K
,
J5
23
20
50
4
30
9
.
10
3
2
*
_
8
6
R
F
-
2
1
0
2
Q
L
L0
8
6K
,
J5
23
20
58
8
10
2
.
20
9
1
*
_
2
8
R
F
-
2
1
0
2
Q
L
L0
2
8K
,
J5
23
20
55
1
25
3
.
20
8
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com