Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90S1200 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90S1200
Description  8-bit Microcontroller with 1K Byte of In-System Programmable Flash
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S1200 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90S1200 Datasheet HTML 1Page - ATMEL Corporation AT90S1200 Datasheet HTML 2Page - ATMEL Corporation AT90S1200 Datasheet HTML 3Page - ATMEL Corporation AT90S1200 Datasheet HTML 4Page - ATMEL Corporation AT90S1200 Datasheet HTML 5Page - ATMEL Corporation AT90S1200 Datasheet HTML 6Page - ATMEL Corporation AT90S1200 Datasheet HTML 7Page - ATMEL Corporation AT90S1200 Datasheet HTML 8Page - ATMEL Corporation AT90S1200 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
2
AT90S1200
0838H–AVR–03/02
Description
The AT90S1200 is a low-power CMOS 8-bit microcontroller based on the AVR RISC
architecture. By executing powerful instructions in a single clock cycle, the AT90S1200
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to
optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with the 32 general purpose working reg-
isters. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU),
allowing two independent registers to be accessed in one single instruction executed in
one clock cycle. The resulting architecture is more code efficient while achieving
throughputs up to ten times faster than conventional CISC microcontrollers.
Block Diagram
Figure 1. The AT90S1200 Block Diagram
The architecture supports high-level languages efficiently as well as extremely dense
assembler code programs. The AT90S1200 provides the following features: 1K byte of
In-System Programmable Flash, 64 bytes EEPROM, 15 general purpose I/O lines, 32
general purpose working registers, internal and external interrupts, programmable
watchdog timer with internal oscillator, an SPI serial port for program downloading and
two software selectable power-saving modes. The Idle Mode stops the CPU while allow-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com