Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90S1200 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90S1200
Description  8-bit Microcontroller with 1K Byte of In-System Programmable Flash
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S1200 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90S1200 Datasheet HTML 17Page - ATMEL Corporation AT90S1200 Datasheet HTML 18Page - ATMEL Corporation AT90S1200 Datasheet HTML 19Page - ATMEL Corporation AT90S1200 Datasheet HTML 20Page - ATMEL Corporation AT90S1200 Datasheet HTML 21Page - ATMEL Corporation AT90S1200 Datasheet HTML 22Page - ATMEL Corporation AT90S1200 Datasheet HTML 23Page - ATMEL Corporation AT90S1200 Datasheet HTML 24Page - ATMEL Corporation AT90S1200 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
21
AT90S1200
0838H–AVR–03/02
Figure 19. Timer/Counter0 Block Diagram
The 8-bit Timer/Counter0 can select clock source from CK, prescaled CK or an external
pin. In addition it can be stopped as de scribed in th e sp ecification fo r th e
Timer/Counter0 Control Register (TCCR0). The overflow status flag is found in the
Timer/Counter Interrupt Flag Register (TIFR). Control signals are found in the
Timer/Counter0 Control Register (TCCR0). The interrupt enable/disable settings for
Timer/Counter0 are found in the Timer/Counter Interrupt Mask Register (TIMSK).
When Timer/Counter0 is externally clocked, the external signal is synchronized with the
oscillator frequency of the CPU. To assure proper sampling of the external clock, the
minimum time between two external clock transitions must be at least one internal CPU
clock period. The external clock signal is sampled on the rising edge of the internal CPU
clock.
The 8-bit Timer/Counter0 features both a high-resolution and a high-accuracy usage
with the lower prescaling opportunities. Similarly, the high prescaling opportunities make
the Timer/Counter0 useful for lower speed functions or exact timing functions with infre-
quent actions.
Timer/Counter0 Control
Register – TCCR0
• Bits 7..3 – Res: Reserved Bits
These bits are reserved bits in the AT90S1200 and always read as zero.
T0
Bit
7
6
5
4
3210
$33
-
-
-
-
-
CS02
CS01
CS00
TCCR0
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com