Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA103 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA103
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA103 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA103 Datasheet HTML 1Page - ATMEL Corporation ATMEGA103 Datasheet HTML 2Page - ATMEL Corporation ATMEGA103 Datasheet HTML 3Page - ATMEL Corporation ATMEGA103 Datasheet HTML 4Page - ATMEL Corporation ATMEGA103 Datasheet HTML 5Page - ATMEL Corporation ATMEGA103 Datasheet HTML 6Page - ATMEL Corporation ATMEGA103 Datasheet HTML 7Page - ATMEL Corporation ATMEGA103 Datasheet HTML 8Page - ATMEL Corporation ATMEGA103 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 141 page
background image
2
ATmega103(L)
0945I–AVR–02/07
Pin Configuration
TQFP
VCC
GND
(ADC0) PF0
(ADC7) PF7
(ADC1) PF1
(ADC2) PF2
(ADC3) PF3
(ADC4) PF4
(ADC5) PF5
(ADC6) PF6
AREF
AGND
AVCC
32
52
53
31
54
29
55
30
28
56
27
57
26
58
25
59
24
60
61
23
61
62
22
62
63
20
21
63
64
64
1
51
2
50
3
49
4
48
5
47
6
46
7
45
8
44
9
43
10
42
11
41
12
40
13
39
14
38
15
37
16
36
17
35
18
34
19
33
PB7 (OC2/PWM2)
TOSC2
TOSC1
PD7 (T2)
(AD0) PA0
(AD1) PA1
(AD2) PA2
PD6 (T1)
PD5
PD4 (IC1)
PD3 (INT3)
PD2 (INT2)
PD1 (INT1)
PD0 (INT0)
XTAL1
XTAL2
RESET
GND
VCC
INDEX CORNER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com