Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA103 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA103
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA103 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA103 Datasheet HTML 17Page - ATMEL Corporation ATMEGA103 Datasheet HTML 18Page - ATMEL Corporation ATMEGA103 Datasheet HTML 19Page - ATMEL Corporation ATMEGA103 Datasheet HTML 20Page - ATMEL Corporation ATMEGA103 Datasheet HTML 21Page - ATMEL Corporation ATMEGA103 Datasheet HTML 22Page - ATMEL Corporation ATMEGA103 Datasheet HTML 23Page - ATMEL Corporation ATMEGA103 Datasheet HTML 24Page - ATMEL Corporation ATMEGA103 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
21
ATmega103(L)
0945I–AVR–02/07
ied into T by the BST instruction and a bit in T can be copied into a bit in a register in the
register file by the BLD instruction.
• Bit 5 – H: Half-carry Flag
The Half-carry Flag H indicates a Half-carry in some arithmetic operations. See the
instruction set description on page 135 for detailed information.
• Bit 4 – S: Sign Bit, S = N
⊕ V
The S-bit is always an exclusive or between the Negative Flag N and the Two’s Comple-
ment Overflow Flag V. See the instruction set description on page 135 for detailed
information.
• Bit 3 – V: Two’s Complement Overflow Flag
The Two’s Complement Overflow Flag V supports two’s complement arithmetics. See
the instruction set description on page 135 for detailed information.
• Bit 2 – N: Negative Flag
The Negative Flag N indicates a negative result from an arithmetical or logical operation.
See the Instruction set description on page 135 for detailed information.
• Bit 1 – Z: Zero Flag
The Zero Flag Z indicates a zero result from an arithmetical or logical operation. See the
instruction set description on page 135 for detailed information.
• Bit 0 – C: Carry Flag
The Carry Flag C indicates a carry in an arithmetical or logical operation. See the
instruction set description on page 135 for detailed information.
Note that the Status Register is not automatically stored when entering an interrupt rou-
tine or restored when returning from an interrupt routine. This must be handled by
software.
Stack Pointer – SP
The general AVR 16-bit Stack Pointer is effectively built up of two 8-bit registers in the
I/O space locations $3E ($5E) and $3D ($5D). As the ATmega103(L) supports up to
64K bytes memory, all 16 bits are used.
The Stack Pointer points to the Data SRAM Stack area where the Subroutine and Inter-
rupt Stacks are located. This Stack space in the Data SRAM must be defined by the
program before any subroutine calls are executed or interrupts are enabled. The Stack
Pointer must be set to point above $60. The Stack Pointer is decremented by one when
data is pushed onto the Stack with the PUSH instruction and it is decremented by 2
when an address is pushed onto the Stack with subroutine calls and interrupts. The
Stack Pointer is incremented by 1 when data is popped from the Stack with the POP
Bit
151413
1211
10
9
8
$3E ($5E)
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
SPH
$3D ($5D)
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
765
432
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
000
000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com