Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25HP256 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25HP256
Description  SPI Serial EEPROMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25HP256 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25HP256 Datasheet HTML 1Page - ATMEL Corporation AT25HP256 Datasheet HTML 2Page - ATMEL Corporation AT25HP256 Datasheet HTML 3Page - ATMEL Corporation AT25HP256 Datasheet HTML 4Page - ATMEL Corporation AT25HP256 Datasheet HTML 5Page - ATMEL Corporation AT25HP256 Datasheet HTML 6Page - ATMEL Corporation AT25HP256 Datasheet HTML 7Page - ATMEL Corporation AT25HP256 Datasheet HTML 8Page - ATMEL Corporation AT25HP256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
AT25HP256/512
1113L–SEEPR–3/06
The AT25HP256/512 is enabled through the Chip Select pin (CS) and accessed via a 3-
wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and Serial
Clock (SCK). All programming cycles are completely self-timed, and no separate erase
cycle is required before write.
Block Write protection is enabled by programming the status register with top ¼, top ½
or entire array of write protection. Separate Program Enable and Program Disable
instructions are provided for additional data protection. Hardware data protection is pro-
vided via the WP pin to protect against inadvertent write attempts to the status register.
The HOLD pin may be used to suspend any serial communication without resetting the
serial sequence.
Figure 1. Block Diagram
Absolute Maximum Ratings*
Operating Temperature..................................–55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions beyond those indicated in the operational sec-
tions of this specification is not implied. Exposure to
absolute maximum rating conditions for extended
periods may affect device reliability.
Storage Temperature .....................................–65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
32,768/65,536 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com