Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25HP256 Datasheet (PDF) - ATMEL Corporation

AT25HP256 Datasheet PDF - ATMEL Corporation
Part # AT25HP256
Download  AT25HP256 Download
File Size   414.92 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25HP256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25HP256 Datasheet PDF - ATMEL Corporation

Part # AT25HP256
Download  AT25HP256 Click to download

File Size   414.92 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25HP256 Datasheet (HTML) - ATMEL Corporation


AT25HP256 Product details

Description
The AT25HP256/512 provides 262,144/524,288 bits of serial electrically erasable programmable read only memory (EEPROM) organized as 32,768/65,536 words of 8-bits each. The device is optimized for use in many industrial and commercial applications where high-speed, low-power, and low-voltage operation are essential. The AT25HP256/512 is available in a space saving 8-lead PDIP (AT25HP256/512), 8-lead EIAJ SOIC (AT25HP256), 16-lead JEDEC SOIC (AT25HP512), 8-lead Leadless Array (AT25HP256/512) package, and 8-lead SOIC Array package (SAP). In addition, the entire family is available in 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 5.5V) versions.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
• 128-byte Page Mode Only for Write Operations
• Low-voltage and Standard-voltage Operation
   – 2.7 (VCC = 2.7V to 5.5V)
   – 1.8 (VCC = 1.8V to 5.5V)
• 10 MHz (5V), 5MHz (2.7V) and 2 MHz (1.8V) Clock Rate
• Block Write Protection
• Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for
   both Hardware and Software Data Protection
• High Reliability
   – Endurance: 100K Write Cycles
   – Data Retention: >40 Years
• 8-lead PDIP, 8-lead EIAJ SOIC, 16-lead JEDEC SOIC, 8-lead Leadless Array Package,
   and 8-lead SOIC Array Package (SAP)
• Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers




Similar Part No. - AT25HP256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CC ATMEL-AT25HP256-10CC Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CC-1.8 ATMEL-AT25HP256-10CC-1.8 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CC-2.7 ATMEL-AT25HP256-10CC-2.7 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CI ATMEL-AT25HP256-10CI Datasheet
178Kb / 15P
SPI Serial EEPROMs
More results


Similar Description - AT25HP256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
SPI Serial EEPROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
SPI Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com