Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL52 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SL52
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SL52 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SL52 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SL52 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
TL, LEAD TEMPERATURE ( )
FIG.3-TYPICAL REVERSE CHARACTERISTICS
FIG.2-FORWARD SURGE CURRENT
DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
CHARACTERISTICS
VR, DC REVERSE VOLTAGE (V)
RATINGS AND CHARACTERISTIC CURVES SL52 THRU SL510
5
4
2
0
1
3
2000
1600
1200
800
400
0
0.1
1
10
100
75
0
15
30
45
60
90
105
135
120
150
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
10
1
0.1
0.01
0.001
20
40
100
60
80
0
120
140
NUMBER OF CYCLES AT 60Hz
100
80
60
20
1
10
100
40
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
RESISTIVE OR INDUCTIVE LOAD
SINGLE HALF SINE WAVE
(JEDEC METHOD)
TJ=25
TJ=100
TJ=125
f=1.0MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com