Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL52 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

SL52 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # SL52
Download  SL52 Download
File Size   282.33 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description SCHOTTKY BARRIER RECTIFIER

SL52 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL52 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # SL52
Download  SL52 Click to download

File Size   282.33 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description SCHOTTKY BARRIER RECTIFIER

SL52 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


SL52 Product details

Features
· Schottky Barrier Chip
· Guardring for overvoltage Protection
· Very Low Forward Voltage Drop
· Low Reverse Leakage Current
· High Surge Current Capability
· Plastic Material has UL Flammability
Classification 94V-0




Similar Part No. - SL52

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SL52 DYELEC-SL52 Datasheet
742Kb / 2P
Plastic package Underwirters Laboratory Flammability Classification 94V-0
logo
Diotec Semiconductor
SL52-3G DIOTEC-SL52-3G Datasheet
131Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
DIYI Electronic Technol...
SL520 DYELEC-SL520 Datasheet
742Kb / 2P
Plastic package Underwirters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
SL520A SMC-SL520A Datasheet
147Kb / 5P
Reverse battery protection
More results


Similar Description - SL52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com