Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL35 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SL35
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SL35 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SL35 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SL35 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL34 THRU SL320
Features
· Low profile package
· Ideal for automated placement
· Low power losses, high efficiency
· Low forward voltage drop
· High surge capability
· High temperature soldering:
260℃/10 seconds at terminals
· Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Maximum Ratings and Electrical Characteristics (TA=25°C unless otherwise noted)
CURRENT 3.0 A
VOLTAGE 40 to 200 V
Mechanical Data
· Case : SMC/DO-214AB, Molded Plastic
· Terminals : Solder Plated, Solderable
per MIL-STD-750, Method 2026
· Polarity : Cathode Band or Cathode Notch
· Weight: 0.21 grams (approx.)
· Lead Free: For RoHS / Lead Free Version
Dimensions in inches and (millimeters)
SCHOTTKY BARRIER RECTIFIER
https://dec.co.kr
DAESAN ELECTRONIC CORP.
Maximum DC Blocking Voltage
Typical Junction Capacitance
Average Rectified Output Current
at TL=100℃
Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load
(JEDEC methode)
VRRM
VRMS
Symbols
Units
VDC
IF(AV)
Items
IFSM
A
A
V
Maximum RMS Voltage
Maximum Recurrent Peak Reverse Voltage
SL36
42
60
60
70
SL310
100
100
SL320
200
140
200
SL315
150
105
150
SL34
40
28
40
SL35
50
50
35
V
V
Operating junction and storage
temperature range
TJ,TSTG
℃
pF
CJ
Typical Thermal Resistance per leg (2)
℃/W
RθJL
mA
VF
0.1
10
0.05
5.0
0.65
0.45
0.55
0.85
IR
V
Instantaneous Forward Voltage at
IF=3.0A (1)
I2t
28
SL38
56
80
80
80
3.0
-55 to +150
88
26.56
A2s
Rating for fusing (t<8.3ms)
Peak Reverse Current
at Rated DC Blocking Voltage
TJ=25℃
TJ=100℃
Notes:
(1) Pulse test : 300μs pulse width, 1% duty cycle.
(2) Mounted on P.C.Board with 5.0 mm² (0.13mm thick) copper pad areas
DO-214AB(SMC)
0.008(0.203)
MAX.
0.114(2.90)
0.126(3.20)
0.220(5.59)
0.245(6.22)
0.260(6.60)
0.280(7.11)
0.006(0.152)
0.012(0.305)
0.305(7.75)
0.320(8.13)
0.030(0.76)
0.060(1.52)
0.081(2.06)
0.103(2.62)


Similar Part No. - SL35

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL35 BILIN-SL35 Datasheet
539Kb / 4P
Schottky Barrier Rectifiers
Rev.B
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Zarlink Semiconductor I...
SL3522AMC ZARLINK-SL3522AMC Datasheet
934Kb / 21P
500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com