Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 10Page - Texas Instruments LP87702-Q1 Datasheet HTML 11Page - Texas Instruments LP87702-Q1 Datasheet HTML 12Page - Texas Instruments LP87702-Q1 Datasheet HTML 13Page - Texas Instruments LP87702-Q1 Datasheet HTML 14Page - Texas Instruments LP87702-Q1 Datasheet HTML 15Page - Texas Instruments LP87702-Q1 Datasheet HTML 16Page - Texas Instruments LP87702-Q1 Datasheet HTML 17Page - Texas Instruments LP87702-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
See (1).
MIN
MAX
UNIT
tfDA
Fall time of SDA signal
Standard mode
250
ns
Fast mode
20+0.1 Cb
250
Fast mode +
20+0.1 Cb
120
High-speed mode, Cb = 100 pF
10
80
High-speed mode, Cb = 400 pF
20
160
trCL
Rise time of SCL signal
Standard mode
1000
ns
Fast mode
20+0.1 Cb
300
Fast mode +
120
High-speed mode, Cb = 100 pF
10
40
High-speed mode, Cb = 400 pF
20
80
trCL1
Rise time of SCL signal after
a repeated start condition and
after an acknowledge bit
Standard mode
1000
ns
Fast mode
20+0.1 Cb
300
Fast mode +
120
High-speed mode, Cb = 100 pF
10
80
High-speed mode, Cb = 400 pF
20
160
tfCL
Fall time of a SCL signal
Standard mode
300
ns
Fast mode
20+0.1 Cb
300
Fast mode +
20+0.1 Cb
120
High-speed mode, Cb = 100 pF
10
40
High-speed mode, Cb = 400 pF
20
80
Cb
Capacitive load for each bus
line (SCL and SDA)
400
pF
tSP
Pulse width of spike
suppressed (Spikes shorter
than indicated width are
suppressed)
Fast mode, Fast mode +
50
ns
High-speed mode
10
(1)
Cb refers to the capacitance of one bus line. Cb is expressed in pF units.
SCL
SDA
tLOW
trCL
tHD;DAT
tHIGH
tfCL
tSU;DAT
tSU;STA
tSU;STO
START
REPEATED
START
STOP
tHD;STA
START
tSP
trDA
tBUF
tfDA
tHD;STA
S
RS
P
S
Figure 7-1. I2C Timing
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com