Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 17Page - Texas Instruments LP87702-Q1 Datasheet HTML 18Page - Texas Instruments LP87702-Q1 Datasheet HTML 19Page - Texas Instruments LP87702-Q1 Datasheet HTML 20Page - Texas Instruments LP87702-Q1 Datasheet HTML 21Page - Texas Instruments LP87702-Q1 Datasheet HTML 22Page - Texas Instruments LP87702-Q1 Datasheet HTML 23Page - Texas Instruments LP87702-Q1 Datasheet HTML 24Page - Texas Instruments LP87702-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
Table 8-2. PLL Operation
DEVICE
OPERATION MODE
EN_PLL
PLL AND CLOCK
DETECTOR STATE
INTERRUPT FOR
EXTERNAL CLOCK
CLOCK
STANDBY
0
Disabled
No
Internal RC
ACTIVE
0
Disabled
No
Internal RC
STANDBY
1
Enabled
When external clock
disappears or appears
Automatic change to internal
RC oscillator when External
clock is not available
ACTIVE
1
Enabled
When external clock
disappears or appears
Automatic change to internal
RC oscillator when External
clock is not available
8.3.5 Power-Up
The power-up sequence for the LP87702-Q1 is as follows:
• VANA (and VIN_Bx) reach minimum recommended levels (VVANA > VANAUVLO).
• Driving the NRST input high initiates OTP read and enables the system I/O interface. Minimum delay from
the NRST reset input rising edge to I2C write or read access is 1.2 ms.
• Device enters STANDBY mode. Watchdog operation starts.
• The host can change the default register setting by I2C if needed.
• The converters can be enabled or disabled and the GPOx signals can be controlled by ENx pins and by I2C
interface.
8.3.6 Buck and Boost Control
8.3.6.1 Enabling and Disabling Converters
The buck converters can be enabled when the device is in STANDBY or ACTIVE state. There are two ways to
enable and disable the buck converters:
• Using BUCKx_EN bit in BUCKx_CTRL_1 register (BUCKx_EN_PIN_CTRL bit is 00 in BUCKx_CTRL_1
register)
• Using ENx control pin (BUCKx_EN bit is 1 in BUCKx_CTRL_1 register and BUCKx_EN_PIN_CTRL bit is not
00 in BUCKx_CTRL_1 register)
Similarly there are two ways to enable and disable the boost converter:
• Using BOOST_EN bit in BOOST_CTRL register (BOOST_EN_PIN_CTRL bit is 0 in BOOST_CTRL register)
• Using ENx control pin (BOOST_EN bit is 1 in BOOST_CTRL register and BOOST_EN_PIN_CTRL bit is not
00 in BOOST_CTRL register)
If the ENx control pin is used to enable and disable, then the delay from the control signal rising edge to start-up
is set by BUCKx_STARTUP_DELAY[3:0] bits in BUCKx_DELAY register and BOOST_STARTUP_DELAY[3:0]
bits in BOOST_DELAY register. The delay from falling edge of control signal to shutdown is set by
BUCKx_SHUTDOWN_DELAY[3:0] bits in BUCKx_DELAY register and BOOST_SHUTDOWN_DELAY[3:0] bits
in BOOST_DELAY register. The delays are valid only when ENx pin control is used, not when converters are
enabled by I2C write to BUCKx_EN and BOOST_EN bits.
The control of the converters (with 0-ms delays) is shown in Table 8-3.
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com