Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7808 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM7808 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 2
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (see Note 1)
-0.5 to 5.5
VDC
Ramp Voltage (VRAMP)
-0.5 to 3.0
V
Input RF Power
10
dBm
Max Duty Cycle
50
%
Operating Case Temperature
-20 to 85
°C
Storage Temperature
-55 to 150
°C
ESD All Pins
(Human Body Model, MIL-STD-
883, Method 3015)
1,500
V
ESD All Pins
(Machine Model)
100
V
ESD Antenna port
(IEC 61000-4-2)
8
kV
Electrical Specifications – Overall
Specification
Parameter
Min
Typ
Max
Unit
Condition
Power Supply (VBAT)
Supply Voltage Range
2.7
3.5
4.5
V
No output power reduction: 3.5V
≤ V
BAT ≤ 4.5V
Supply Current (Receive Mode)
20
µA
VBAT ≤ 4.5V, Temp= +25°C
Supply Current (Standby Mode)
2
10
µA
VBAT ≤ 4.5V, Temp= +25°C
Power Control (VRAMP)
VRAMP max
1.5V
V
VRAMP min
0.10
V
Voltage supplied to input for Output Power control
Input Capacitance
5
68
pF
Input Current
40
μA
VRAMP = VRAMP max
Turn On/Off Time
2
μs
VRAMP = VRAMP min to VRAMP max
Pedestal (pre-ramp) Voltage, Vped
160
mV
VRAMP = Vped prior to onset of ramp-up
Control Signals
Input Voltage – Logic ‘Low’
0.50
V
Input Voltage – Logic ‘High’
1.4
1.8
2.8
V
Input Current – Logic ‘High’
10
30
μA
ENABLE, TX_EN, SW1
Note 1: Maximum Supply Voltage rating defined with ENABLE = TX_EN = logic “Low”, and Vramp = 0V
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com