Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7808 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AM7808 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 12
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
Pin-Out Information
Pin
Name
Description
Details
1, 2, 4, 5, 8, 9, 13,
16, 17, 18, 19, 20,
21, 23, 28, 29, 30,
31, 32
GND
Ground
3
VBAT2
Secondary Power Supply
This should be connected directly to the battery
6
RFIN_HB
RF Input – DCS1800/PCS1900
50
Ω input, DC blocked
7
RFIN_LB
RF Input – GSM850/900
50
Ω input, DC blocked
10
TX_EN
Enable power core for output power
Logic ‘Low’=Disabled or RX mode
Logic ‘High’=Enable Output Power
This pin is a high impedance CMOS input with no
pull-up or pull-down resistors.
11
VRAMP
Analog Power Control Signal Input
350kHz Low-Pass filter is integrated into the device.
No external filtering is required.
12
SW1
Control signal selecting band of
operation
Logic ‘Low’=Low-band
Logic ‘High’=High-band
This pin is a high impedance CMOS input with no
pull-up or pull-down resistors.
14
ENABLE
Standby control
Logic ‘Low’=Standby Mode
Logic ‘High’=TX or RX mode
This pin is a high impedance CMOS input with no
pull-up or pull-down resistors.
15
VBAT1
Primary Power Supply
This should be connected directly to the battery
22
ANT
Antenna port
50
Ω input/output
24, 27
NC
No Connect
Do not connect these pins
25
RX1
RX Port. RX1 interchangeable with RX2
50
Ω input/output
26
RX2
RX Port. RX2 interchangeable with RX1
50
Ω input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com