Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6602 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6602
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
PDF  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6602 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6602 Datasheet HTML 17Page - ATMEL Corporation ATA6602 Datasheet HTML 18Page - ATMEL Corporation ATA6602 Datasheet HTML 19Page - ATMEL Corporation ATA6602 Datasheet HTML 20Page - ATMEL Corporation ATA6602 Datasheet HTML 21Page - ATMEL Corporation ATA6602 Datasheet HTML 22Page - ATMEL Corporation ATA6602 Datasheet HTML 23Page - ATMEL Corporation ATA6602 Datasheet HTML 24Page - ATMEL Corporation ATA6602 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 362 page
background image
21
4921C–AUTO–01/07
ATA6602/ATA6603
7.4
At VCC undervoltage
threshold the state
switches back to Pre
Normal Mode
Referred to VCC
V
S > 5.5
27
VthunS
3.9
4.4
V
A
7.5
Hysteresis of
undervoltage threshold
Referred to VCC
V
S > 5.5V
27
Vhys
thun
40
mV
D
7.6
Output current limitation
V
S > 0V
27
I
VCCs
–200
–130
mA
A
8
LIN Bus Driver: Bus Load Conditions:
Load1 (Small): 1 nF, 1 k
Ω; Load2 (Large): 10 nF, 500Ω; RRXD = 5 kΩ; C
RXD = 20 pF
10.5, 10.6 and 10.7 Specify the Timing Parameters for Proper Operation at 20 Kbps
8.1
Driver recessive output
voltage
Load1/Load2
18
V
BUSrec
0.9 V
S
V
S
VA
8.2
Driver dominant voltage
V
VS =7V
R
load =500Ω
18
V_LoSUP
1.2
V
A
8.3
Driver dominant voltage
V
VS =18V
Rload =500Ω
18
V
_HiSUP
2V
A
8.4
Driver dominant voltage
V
BUSdom_DRV_LoSUP
VVS = 7V
R
load = 1000Ω
18
V
_LoSUP_1k
0.6
V
A
8.5
Driver dominant voltage
V
VS = 18V
R
load =1000Ω
18
V_HiSUP_1k_
0.8
V
A
8.6
Pull-up resistor to VS
The serial diode is mandatory
18
R
LIN
20
30
60
k
Ω
A
8.7
Self-adapting current
limitation
V
Bus =VBatt_max
T
j = 125°C
Tj = 27°C
T
j = –40°C
18
IBUS_LIM
52
100
120
110
170
230
mA
mA
mA
A
8.8
Input leakage current at
the receiver including
pull-up resistor as
specified
Input leakage current
Driver off
VBUS =0V
V
Battery =12V
18
I
BUS_PAS_dom
–1
mA
A
8.9
Leakage current LIN
recessive
Driver off
8V < VBattery <18V
8V < VBUS < 18V
V
BUS ≥ VBatt
18
I
BUS_PAS_rec
15
20
µA
A
8.10
Leakage current when
control unit disconnected
from ground. Loss of
local ground must not
affect communication in
the residual network
GND
Device = VS
VBattery = 12V
0V < VBUS < 18V
18
IBUS_NO_gnd
–10
0.5
10
µA
A
8.11
Node has to sustain the
current that can flow
under this condition. Bus
must remain operational
under this condition
V
Battery disconnected
VSUP_Device = GND
0V < VBUS < 18V
18
IBUS
0.5
3
µA
A
3.5
Electrical Characteristics (Continued)
5V < VS < 18V, Tcase = –40°C to +125°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com