Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV32F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYV32F
Description  Rectifier diodes ultrafast, rugged
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV32F Datasheet(HTML) 5 Page - NXP Semiconductors

  BYV32F Datasheet HTML 1Page - NXP Semiconductors BYV32F Datasheet HTML 2Page - NXP Semiconductors BYV32F Datasheet HTML 3Page - NXP Semiconductors BYV32F Datasheet HTML 4Page - NXP Semiconductors BYV32F Datasheet HTML 5Page - NXP Semiconductors BYV32F Datasheet HTML 6Page - NXP Semiconductors BYV32F Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV32F, BYV32EX series
ultrafast, rugged
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.12. SOT186; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.2
max
5.7
max
3.2
3.0
0.9
0.5
4.4
max
2.9 max
4.4
4.0
seating
plane
7.9
7.5
17
max
0.55 max
1.3
13.5
min
2.54
5.08
0.9
0.7
12
3
M
0.4
top view
3.5 max
not tinned
4.4
October 1998
5
Rev 1.300



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com