Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV32F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV32F
Description  Rectifier diodes ultrafast, rugged
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV32F Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV32F Datasheet HTML 1Page - NXP Semiconductors BYV32F Datasheet HTML 2Page - NXP Semiconductors BYV32F Datasheet HTML 3Page - NXP Semiconductors BYV32F Datasheet HTML 4Page - NXP Semiconductors BYV32F Datasheet HTML 5Page - NXP Semiconductors BYV32F Datasheet HTML 6Page - NXP Semiconductors BYV32F Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV32F, BYV32EX series
ultrafast, rugged
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 150 V/ 200 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 0.85 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 12 A
• Isolated mounting tab
I
RRM = 0.2 A
t
rr ≤ 25 ns
GENERAL DESCRIPTION
Dual, ultra-fast, epitaxial rectifier diodes intended for use as output rectifiers in high frequency switched mode power
supplies.
The BYV32F series is supplied in the SOT186 package.
The BYV32EX series is supplied in the SOT186A package.
PINNING
SOT186
SOT186A
PIN
DESCRIPTION
1
anode 1 (a)
2
cathode (k)
3
anode 2 (a)
tab
isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV32F / BYV32EX
-150
-200
V
RRM
Peak repetitive reverse voltage
-
150
200
V
V
RWM
Crest working reverse voltage
-
150
200
V
V
R
Continuous reverse voltage
-
150
200
V
I
O(AV)
Average rectified output current square wave
-
12
A
(both diodes conducting)
1
δ = 0.5; T
hs ≤ 95 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
20
A
per diode
T
hs ≤ 95 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
125
A
current per diode
t = 8.3 ms
-
137
A
sinusoidal; with reapplied
V
RWM(max)
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
per diode
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current per diode
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
k
a1
a2
13
2
12 3
case
12 3
case
1 Neglecting switching and reverse current losses
October 1998
1
Rev 1.300


Similar Part No. - BYV32F

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BYV32F NJSEMI-BYV32F Datasheet
253Kb / 4P
Rectifier diodes ultrafast, rugged
logo
Inchange Semiconductor ...
BYV32F-100 ISC-BYV32F-100 Datasheet
301Kb / 2P
Ultrafast Rectifier Diode
BYV32F-150 ISC-BYV32F-150 Datasheet
301Kb / 2P
Ultrafast Rectifier Diode
BYV32F-200 ISC-BYV32F-200 Datasheet
301Kb / 2P
Ultrafast Rectifier Diode
More results

Similar Description - BYV32F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com