Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA015 Datasheet(PDF) 21 Page - C&D Technologies

Part # NCA015
Description  Non-Isolated 15A SIP/SMT DC/DC Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA015 Datasheet(HTML) 21 Page - C&D Technologies

Back Button NCA015 Datasheet HTML 14Page - C&D Technologies NCA015 Datasheet HTML 15Page - C&D Technologies NCA015 Datasheet HTML 16Page - C&D Technologies NCA015 Datasheet HTML 17Page - C&D Technologies NCA015 Datasheet HTML 18Page - C&D Technologies NCA015 Datasheet HTML 19Page - C&D Technologies NCA015 Datasheet HTML 20Page - C&D Technologies NCA015 Datasheet HTML 21Page - C&D Technologies NCA015 Datasheet HTML 22Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R 0J3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 21
NCA015 6200820000 A02 03Mar06
Volant NCA015 Series
Non-Isolated 15A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Mechanical and pinning Information.
Given below is the outline drawing showing physical dimensions of the SIP & SMT package.
The external dimensions for SMT package are 33.00mm X 13.46mm X 9.30mm.
Whereas, the external dimensions of the SIP version are 50.8mm X 12.7mm X 8.3mm.
10.29
13.46
1.22
7.54
4.83
4.83
4.83
7.87
33.0
1.91
1.60
2.84
(1.30)
(0.310)
(0.190) (0.190) (0.190)
(0.297)
(0.405) (0.530)
(0.075)
(0.048)
(0.112)
(0.063)
+SENSE
TRIM
+VO
COM
ON/OFF
+VIN
1.65
9.30
(0.366)
(0.065)
max.
Dimensions are in millimeters(Inches)
Tolerances :X.X = ±0.5mm(0.02in),X.XX = ±0.25mm(0.010in),unless otherwise noted.
BOTTOM VIEW OF BOARD
SURFACE MOUNT CONTACT
L1 INDUCTOR
A
K
J
I
H
G
C
D
L
B
M
N
E
F
PIN CONNECTION
FUNCTION
+Output
+Output
+Sense
+Output
Common
Pin
1
2
3
4
5
6
All Dimmension In Inches(mm)
Tolerance :
.XX= ± 0.04
.XXX= ± 0.010
7
8
9
10
11
+V Input
+V Input
No Pin
Trim
On/Off Control
12 3 4 5
6 7 8 9 10 11
LAYOUT PATTER
N
TOP VIEW
2.00(50.8)
0.50(12.7)
0.327(8.3)
0.23(5.8)
0.05(1.3)
0.10(2.54)
1.00(25.4)
0.40(10.2)
0.139(3.53)
0.025(0.64)
0.33(8.4)
0.29(7.4)
1.1mm PLATED THROUGH HOLE
1.6mm PAD SIZE
0.28(7.10)
0.025(0.64)
Common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com