Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S52 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89S52
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89S52 Datasheet HTML 10Page - ATMEL Corporation AT89S52 Datasheet HTML 11Page - ATMEL Corporation AT89S52 Datasheet HTML 12Page - ATMEL Corporation AT89S52 Datasheet HTML 13Page - ATMEL Corporation AT89S52 Datasheet HTML 14Page - ATMEL Corporation AT89S52 Datasheet HTML 15Page - ATMEL Corporation AT89S52 Datasheet HTML 16Page - ATMEL Corporation AT89S52 Datasheet HTML 17Page - ATMEL Corporation AT89S52 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14
1919C–MICRO–3/05
AT89S52
Figure 10-2. Timer 2 Auto Reload Mode (DCEN = 0)
Figure 10-3. Timer 2 Auto Reload Mode (DCEN = 1)
OSC
EXF2
TF2
T2EX PIN
T2 PIN
TR2
EXEN2
C/T2 = 0
C/T2 = 1
CONTR OL
RELO AD
CONTROL
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
÷12
RCAP2L
RCAP2H
TH2
TL2
OVERFLOW
OSC
EXF2
TF2
T2EX PIN
COUNT
DIRECTION
1=UP
0=DOWN
T2 PIN
TR2
CONTROL
OVERFLOW
TOGGLE
TIMER 2
INTERRUPT
12
RCAP2L
RCAP2H
0FFH
0FFH
TH2
TL2
C/T2 = 0
C/T2 = 1
÷
(DOWN COUNTING RELOAD VALUE)
(UP COUNTING RELOAD VALUE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com