Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S52 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89S52
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89S52 Datasheet HTML 14Page - ATMEL Corporation AT89S52 Datasheet HTML 15Page - ATMEL Corporation AT89S52 Datasheet HTML 16Page - ATMEL Corporation AT89S52 Datasheet HTML 17Page - ATMEL Corporation AT89S52 Datasheet HTML 18Page - ATMEL Corporation AT89S52 Datasheet HTML 19Page - ATMEL Corporation AT89S52 Datasheet HTML 20Page - ATMEL Corporation AT89S52 Datasheet HTML 21Page - ATMEL Corporation AT89S52 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18
1919C–MICRO–3/05
AT89S52
Figure 13-1. Interrupt Sources
Table 13-1.
Interrupt Enable (IE) Register
(MSB)
(LSB)
EA
–
ET2
ES
ET1
EX1
ET0
EX0
Enable Bit = 1 enables the interrupt.
Enable Bit = 0 disables the interrupt.
Symbol
Position
Function
EA
IE.7
Disables all interrupts. If EA = 0, no interrupt is acknowledged. If EA = 1, each
interrupt source is individually enabled or disabled by setting or clearing its enable bit.
–
IE.6
Reserved.
ET2
IE.5
Timer 2 interrupt enable bit.
ES
IE.4
Serial Port interrupt enable bit.
ET1
IE.3
Timer 1 interrupt enable bit.
EX1
IE.2
External interrupt 1 enable bit.
ET0
IE.1
Timer 0 interrupt enable bit.
EX0
IE.0
External interrupt 0 enable bit.
User software should never write 1s to reserved bits, because they may be used in future AT89 products.
IE1
IE0
1
1
0
0
TF1
TF0
INT1
INT0
TI
RI
TF2
EXF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com