Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB011B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB011B
Description  1-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB011B Datasheet HTML 1Page - ATMEL Corporation AT45DB011B Datasheet HTML 2Page - ATMEL Corporation AT45DB011B Datasheet HTML 3Page - ATMEL Corporation AT45DB011B Datasheet HTML 4Page - ATMEL Corporation AT45DB011B Datasheet HTML 5Page - ATMEL Corporation AT45DB011B Datasheet HTML 6Page - ATMEL Corporation AT45DB011B Datasheet HTML 7Page - ATMEL Corporation AT45DB011B Datasheet HTML 8Page - ATMEL Corporation AT45DB011B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
AT45DB011B
1984J–DFLASH–06/06
Memory Architecture Diagram
Device
Operation
The device operation is controlled by instructions from the host processor. The list of instruc-
tions and their associated opcodes are contained in Tables 1 through 4 (pages 11 and 12). A
valid instruction starts with the falling edge of CS followed by the appropriate 8-bit opcode and
the desired buffer or main memory address location. While the CS pin is low, toggling the SCK
pin controls the loading of the opcode and the desired buffer or main memory address location
through the SI (serial input) pin. All instructions, addresses, and data are transferred with the
most significant bit (MSB) first.
Buffer addressing is referenced in the datasheet using the terminology BFA8-BFA0 to denote
the nine address bits required to designate a byte address within a buffer. Main memory
addressing is referenced using the terminology PA8 - PA0 and BA8 - BA0 where PA8 - PA0
denotes the 10 address bits required to designate a page address and BA8-BA0 denotes the
nine address bits required to designate a byte address within the page.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from the
data buffer. The DataFlash supports two categories of read modes in relation to the SCK sig-
nal. The differences between the modes are in respect to the inactive state of the SCK signal
as well as which clock cycle data will begin to be output. The two categories, which are com-
prised of four modes total, are defined as Inactive Clock Polarity Low or Inactive Clock Polarity
High and SPI Mode 0 or SPI Mode 3. A separate opcode (refer to Table 1 on page 11 for a
complete list) is used to select which category will be used for reading. Please refer to the
“Detailed Bit-level Read Timing” diagrams in this datasheet for details on the clock cycle
sequences for each mode.
Block = 2112 bytes
(2K + 64)
8 Pages
BLOCK 0
BLOCK 1
BLOCK 2
BLOCK 62
BLOCK 63
BLOCK 61
Page = 264 bytes
(256 + 8)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 510
PAGE 511
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
PAGE 509
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
SECTOR 0 = 2112 BYTES (2K + 64)
SECTOR 1 = 65,472 BYTES (62K + 1984)
SECTOR ARCHITECTURE
SECTOR 2 = 67,584 BYTES (64K + 2K)
BLOCK 3
BLOCK 29
BLOCK 30
BLOCK 31
BLOCK 32
BLOCK 33
BLOCK 34
SECTOR 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com