Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB011B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB011B
Description  1-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB011B Datasheet HTML 2Page - ATMEL Corporation AT45DB011B Datasheet HTML 3Page - ATMEL Corporation AT45DB011B Datasheet HTML 4Page - ATMEL Corporation AT45DB011B Datasheet HTML 5Page - ATMEL Corporation AT45DB011B Datasheet HTML 6Page - ATMEL Corporation AT45DB011B Datasheet HTML 7Page - ATMEL Corporation AT45DB011B Datasheet HTML 8Page - ATMEL Corporation AT45DB011B Datasheet HTML 9Page - ATMEL Corporation AT45DB011B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
AT45DB011B
1984J–DFLASH–06/06
BUFFER TO MAIN MEMORY PAGE PROGRAM WITHOUT BUILT-IN ERASE: A previously
erased page within main memory can be programmed with the contents of the buffer. An 8-bit
opcode of 88H is followed by the six reserved bits, nine address bits (PA8-PA0) that specify
the page in the main memory to be written, and nine additional don’t care bits. When a low-to-
high transition occurs on the CS pin, the part will program the data stored in the buffer into the
specified page in the main memory. It is necessary that the page in main memory that is being
programmed has been previously erased. The programming of the page is internally self-
timed and should take place in a maximum time of t
P. During this time, the status register will
indicate that the part is busy.
Successive page programming operations without doing a page erase are not recommended.
In other words, changing bytes within a page from a “1” to a “0” during multiple page program-
ming operations without erasing that page is not recommended.
PAGE ERASE: The optional Page Erase command can be used to individually erase any
page in the main memory array allowing the Buffer to Main Memory Page Program without
Built-in Erase command to be utilized at a later time. To perform a Page Erase, an opcode of
81H must be loaded into the device, followed by six reserved bits, nine address bits (PA8 -
PA0), and nine don’t care bits. The nine address bits are used to specify which page of the
memory array is to be erased. When a low-to-high transition occurs on the CS pin, the part will
erase the selected page to 1s. The erase operation is internally self-timed and should take
place in a maximum time of t
PE. During this time, the status register will indicate that the part is
busy.
BLOCK ERASE: A block of eight pages can be erased at one time allowing the Buffer to Main
Memory Page Program without Built-in Erase command to be utilized to reduce programming
times when writing large amounts of data to the device. To perform a Block Erase, an opcode
of 50H must be loaded into the device, followed by six reserved bits, six address bits (PA8 -
PA3), and 12 don’t care bits. The six address bits are used to specify which block of eight
pages is to be erased. When a low-to-high transition occurs on the CS pin, the part will erase
the selected block of eight pages to 1s. The erase operation is internally self-timed and should
take place in a maximum time of t
BE. During this time, the status register will indicate that the
part is busy.
Block Erase Addressing
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
00
00
00
X
X
X
0
00
00
01
X
X
X
1
00
00
10
X
X
X
2
00
00
11
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
11
11
00
X
X
X
60
11
11
01
X
X
X
61
11
11
10
X
X
X
62
11
11
11
X
X
X
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com