Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB011B-SC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB011B-SC
Description  1-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011B-SC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB011B-SC Datasheet HTML 1Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 2Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 3Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 4Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 5Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 6Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 7Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 8Page - ATMEL Corporation AT45DB011B-SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
1-megabit
2.7-volt Only
DataFlash®
AT45DB011B
Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
• 20 MHz Max Clock Frequency
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 512 Pages (264 Bytes/Page) Main Memory
• Supports Page and Block Erase Operations
• One 264-byte SRAM Data Buffer
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Fast Page Program Time – 7 ms Typical
• 120 µs Typical Page to Buffer Transfer Time
• Low Power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
• Hardware Data Protection Feature
• 100% Compatible with AT45DB011
• Commercial and Industrial Temperature Ranges
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
Description
The AT45DB011B is a 2.7-volt only, serial interface Flash memory ideally suited for
a wide variety of digital voice-, image-, program code- and data-storage applications.
Its 1,081,344 bits of memory are organized as 512 pages of 264 bytes each. In addi-
tion to the main memory, the AT45DB011B also contains one SRAM data buffer of 264
bytes. The buffer allows receiving of data while a page in the main memory is being
reprogrammed. EEPROM emulation (bit or byte alterability) is easily handled with a
self-contained three step Read-Modify-Write operation. Unlike conventional Flash
memories that are accessed randomly with multiple address lines and a parallel inter-
face, the DataFlash uses a SPI serial interface to sequentially access its data. SPI
mode 0 and mode 3 are supported. The simple serial interface facilitates hardware
AT45DB011B
Preliminary 16-
Megabit 2.7-volt
Only Serial
DataFlash
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
CBGA Top View
through Package
A
B
C
123
VCC
WP
RESET
GND
RDY/BSY
SI
SCK
CS
SO
TSSOP Top View
Type 1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RDY/BUSY
RESET
WP
VCC
GND
SCK
SO
CS
NC
NC
NC
NC
NC
SI
SOIC
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
1984J–DFLASH–06/06


Similar Part No. - AT45DB011B-SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011B-SC ATMEL-AT45DB011B-SC Datasheet
319Kb / 32P
1-MEGABIT 2.7 VOLT ONLY DATA FLASH
More results

Similar Description - AT45DB011B-SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
2-megabit 2.7-volt Only DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com