Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM8021 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM8021
Description  10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8021 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM8021 Datasheet HTML 1Page - Broadcom Corporation. BCM8021 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM8021
®
10
-GbE XAUI™TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
XAUI SerDes Application Diagram
• 10-GbE transceiver supporting various operating modes
• IEEE 802.3™ae-compliant XAUI™ to XGMII transceiver
• XAUI-to-XAUI retiming
• Low power dissipation
• Less than 300 mW per transceiver channel including I/O
• SONET/SDH-quality jitter performance
• Less than three picoseconds rms jitter generation
• Exceeds SONET jitter tolerance mask
• High performance programmable receive equalization and
transmit pre-emphasis
• Transmit pre-emphasis for interoperability with CML SerDes
• Receive equalization for copper interconnects
• Enhanced test capability
• Full loopback and on-chip PRBS generator/checker
• IEEE (1149.1) JTAG
• Compact 21-mm × 21-mm BGA package
• No requirement for heat sink or airflow
•
Advanced 0.13µ CMOS process technology provides
unparalleled performance while achieving the lowest possible
power consumption
•
IEEE 802.3ae 10-GbE physical coding sublayer (PCS) has a
selectable 8B/10B encoding/decoding block on-chip that can
be configured to support the 10-Gbps attachment unit
interface (XAUI)
•
Superior jitter characteristics enable the serializing/
deserializing (SerDes) of data signals transmitted through
front panel or backplane networking equipment supporting
both primary and protection circuits
•
Drive PMD devices or backplane directly with no external
clean-up circuit required
•
Simplifies manufacturability with integrated built-in self-test
(BIST), high-speed and low-speed loopbacks, and
programmable PRBS generator/checker
•
Decreases complexity and reduces board space on
multichannel linecard designs
FE A T UR E S
SU MM AR Y O F B E N E FI TS
• 1-GbE and 10-GbE LAN, MAN, WAN switches and routers
• Advanced test equipment (ATE)
APPL ICA T ION S
APPL I CATI O N S


Similar Part No. - BCM8021

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8021 BOARDCOM-BCM8021 Datasheet
127Kb / 1P
4 CHANNEL MULTIRATE 1.0-3.2 GBPS TRANSCEIVER WITH HIGH SPEED REDUNDANCY
More results

Similar Description - BCM8021

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UPF01012 INFINEON-UPF01012 Datasheet
160Kb / 2P
10 Gigabit/s Transceiver with XAUI Interface
2002
logo
Broadcom Corporation.
BCM8021 BOARDCOM-BCM8021 Datasheet
127Kb / 1P
4 CHANNEL MULTIRATE 1.0-3.2 GBPS TRANSCEIVER WITH HIGH SPEED REDUNDANCY
logo
Texas Instruments
TLK3118 TI-TLK3118 Datasheet
526Kb / 57P
Redundant XAUI Transceiver
TLK3138 TI-TLK3138 Datasheet
765Kb / 61P
Dual XAUI Transceiver
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
10-Gbps XAUI Transceiver
logo
Broadcom Corporation.
BCM8705LAKFBG BOARDCOM-BCM8705LAKFBG Datasheet
99Kb / 2P
SERIAL 10-GBE/FIBRE CHANNEL TRANSCEIVER WITH WIS LAYER AND XAUI??INTERFACE
BCM8727BIFBG BOARDCOM-BCM8727BIFBG Datasheet
129Kb / 2P
DUAL-CHANNEL 10-GBE SFI-TO-XAUI??TRANSCEIVER WITH EDC
logo
Texas Instruments
TLK3118 TI1-TLK3118_09 Datasheet
575Kb / 59P
Redundant XAUI Transceiver
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
10-Gbps Xaui Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com