Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM8021 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM8021
Description  10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8021 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM8021 Datasheet HTML 1Page - Broadcom Corporation. BCM8021 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
8021-PB04-R
04/14/06
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among
the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries
and/or the EU. Any other trademarks or trade names mentioned are the property of their respective
owners.
BCM8021 Block Diagram
The BCM8021 device integrates XAUI serializer/deserializer (SerDes)
channels leveraging Broadcom’s high-performance mixed-signal design
experience along with advanced 0.13µ CMOS process technology. This,
combined this with a robust architecture offering the highest degree of
flexibility, results is a highly programmable, lowest power SerDes
solution for network line-card and backplane applications.
An internal MUX connects the parallel and serial ports to enable fully
redundant operation. The MUX enables an active serial link to be
switched to the parallel interface, while a protection serial link can be
continuously monitored to insure its condition. If the active link fails, the
protection link can be muxed over through external control to the parallel
interface.
On the parallel side of the device, transmitters and receivers interface
with a 32-bit wide data (XGMII) along with the clock and control
signals. The low-speed I/O supports HSTL (1.5V or 1.8V) or SSTL_2
(2.5V) interfaces.
On the serial side of the device, transmitters and receivers support XAUI
serial transmission rates. An on-chip phase lock loop (PLL) synthesizes
the supplied reference clock to support the desired transmit rate, while
vlock and data recovery (CDR) units recover the receive rate clock for
timing.
For high-speed serial copper connections, the device incorporates both
transmit pre-emphasis on the transmit channels and receive equalization
on the receive channels. Transmit pre-emphasis is programmable to
improve the overall cable reach and compensate for electrical
imperfections associated with traces and connectors. Receive
equalization provides optimal performance over a variety of receive
interfaces.
Highly programmable test capabilities exist within the device to support
high-speed and low-speed loopback using generators/checkers that
support PRBS 27 to 231 patterns along with IEEE802.3ae-defined test
patterns. A complete evaluation kit, including an evaluation board,
related software, and documentation is available upon request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com