Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS52 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LS52
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LS52_06 Datasheet HTML 1Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 2Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 3Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 4Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 5Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 6Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 7Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 8Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
• Compatible with MCS®-51 Products
• 8K Bytes of In-System Programmable (ISP) Flash Memory
– Endurance: 1000 Write/Erase Cycles
• 2.7V to 4.0V Operating Range
• Fully Static Operation: 0 Hz to 16 MHz
• Three-level Program Memory Lock
• 256 x 8-bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Eight Interrupt Sources
• Full Duplex UART Serial Channel
• Low-power Idle and Power-down Modes
• Interrupt Recovery from Power-down Mode
• Watchdog Timer
• Dual Data Pointer
• Power-off Flag
• Flexible ISP Programming (Byte and Page Modes)
• Green (Pb/Halide-free) Packaging Option
1.
Description
The AT89LS52 is a low-voltage, high-performance CMOS 8-bit microcontroller with
8K bytes of in-system programmable Flash memory. The device is manufactured
using Atmel’s high-density nonvolatile memory technology and is compatible with the
industry-standard 80C51 instruction set and pinout. The on-chip Flash allows the pro-
gram memory to be reprogrammed in-system or by a conventional nonvolatile
memory programmer. By combining a versatile 8-bit CPU with in-system programma-
ble Flash on a monolithic chip, the Atmel AT89LS52 is a powerful microcontroller
which provides a highly-flexible and cost-effective solution to many embedded control
applications.
The AT89LS52 provides the following standard features: 8K bytes of Flash, 256 bytes
of RAM, 32 I/O lines, Watchdog timer, two data pointers, three 16-bit timer/counters, a
six-vector two-level interrupt architecture, a full duplex serial port, on-chip oscillator,
and clock circuitry. In addition, the AT89LS52 is designed with static logic for opera-
tion down to zero frequency and supports two software selectable power saving
modes. The Idle Mode stops the CPU while allowing the RAM, timer/counters, serial
port, and interrupt system to continue functioning. The Power-down mode saves the
RAM contents but freezes the oscillator, disabling all other chip functions until the next
external interrupt or hardware reset.
8-bit
Low-Voltage
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
AT89LS52
2601B–MICRO–03/05


Similar Part No. - AT89LS52_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS52 ATMEL-AT89LS52_08 Datasheet
602Kb / 39P
8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - AT89LS52_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS52 ATMEL-AT89LS52 Datasheet
469Kb / 39P
8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LS52 ATMEL-AT89LS52_08 Datasheet
602Kb / 39P
8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com