Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS52 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89LS52
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89LS52_06 Datasheet HTML 19Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 20Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 21Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 22Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 23Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 24Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 25Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 26Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
2601B–MICRO–03/05
AT89LS52
19.1
Serial Programming Algorithm
To program and verify the AT89LS52 in the serial programming mode, the following sequence is
recommended:
1.
Power-up sequence:
a.
Apply power between VCC and GND pins.
b.
Set RST pin to “H”.
If a crystal is not connected across pins XTAL1 and XTAL2, apply a 3 MHz to 16 MHz clock to
XTAL1 pin and wait for at least 10 milliseconds.
2.
Enable serial programming by sending the Programming Enable serial instruction to pin
MOSI/P1.5. The frequency of the shift clock supplied at pin SCK/P1.7 needs to be less
than the CPU clock at XTAL1 divided by 16.
3.
The Code array is programmed one byte at a time in either the Byte or Page mode. The
write cycle is self-timed and typically takes less than 1 ms at 2.7V.
4.
Any memory location can be verified by using the Read instruction which returns the
content at the selected address at serial output MISO/P1.6.
5.
At the end of a programming session, RST can be set low to commence normal device
operation.
Power-off sequence (if needed):
1.
Set XTAL1 to “L” (if a crystal is not used).
2.
Set RST to “L”.
3.
Turn VCC power off.
Data Polling: The Data Polling feature is also available in the serial mode. In this mode, during
a byte write cycle an attempted read of the last byte written will result in the complement of the
MSB of the serial output byte on MISO.
19.2
Serial Programming Instruction Set
The Instruction Set for Serial Programming follows a 4-byte protocol and is shown in Table 22-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com