Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS51 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LS51
Description  8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LS51 Datasheet HTML 8Page - ATMEL Corporation AT89LS51 Datasheet HTML 9Page - ATMEL Corporation AT89LS51 Datasheet HTML 10Page - ATMEL Corporation AT89LS51 Datasheet HTML 11Page - ATMEL Corporation AT89LS51 Datasheet HTML 12Page - ATMEL Corporation AT89LS51 Datasheet HTML 13Page - ATMEL Corporation AT89LS51 Datasheet HTML 14Page - ATMEL Corporation AT89LS51 Datasheet HTML 15Page - ATMEL Corporation AT89LS51 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
3053B–MICRO–3/05
AT89LS51
Figure 10-1. Interrupt Sources
11. Oscillator Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier that can be
configured for use as an on-chip oscillator, as shown in Figure 11-1. Either a quartz crystal or
ceramic resonator may be used. To drive the device from an external clock source, XTAL2
should be left unconnected while XTAL1 is driven, as shown in Figure 11-2. There are no
requirements on the duty cycle of the external clock signal, since the input to the internal clock-
ing circuitry is hrough a divide-by-two flip-flop, but minimum and maximum voltage high and low
time specifications must be observed.
Figure 11-1. Oscillator Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
IE1
IE0
1
1
0
0
TF1
TF0
INT1
INT0
TI
RI
C2
XTAL2
GND
XTAL1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com