Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS51 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89LS51
Description  8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89LS51 Datasheet HTML 19Page - ATMEL Corporation AT89LS51 Datasheet HTML 20Page - ATMEL Corporation AT89LS51 Datasheet HTML 21Page - ATMEL Corporation AT89LS51 Datasheet HTML 22Page - ATMEL Corporation AT89LS51 Datasheet HTML 23Page - ATMEL Corporation AT89LS51 Datasheet HTML 24Page - ATMEL Corporation AT89LS51 Datasheet HTML 25Page - ATMEL Corporation AT89LS51 Datasheet HTML 26Page - ATMEL Corporation AT89LS51 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
3053B–MICRO–3/05
AT89LS51
23. AC Characteristics
Under operating conditions, load capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; load capacitance for all other
outputs = 80 pF.
23.1
External Program and Data Memory Characteristics
Symbol
Parameter
16 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
1/t
CLCL
Oscillator Frequency
0
16
MHz
tLHLL
ALE Pulse Width
85
2tCLCL-40
ns
t
AVLL
Address Valid to ALE Low
22
t
CLCL-40
ns
t
LLAX
Address Hold After ALE Low
32
t
CLCL-30
ns
tLLIV
ALE Low to Valid Instruction In
150
4tCLCL-100
ns
t
LLPL
ALE Low to PSEN Low
32
t
CLCL-30
ns
t
PLPH
PSEN Pulse Width
142
3t
CLCL-45
ns
tPLIV
PSEN Low to Valid Instruction In
82
3tCLCL-105
ns
t
PXIX
Input Instruction Hold After PSEN
00
ns
t
PXIZ
Input Instruction Float After PSEN
37
t
CLCL-25
ns
tPXAV
PSEN to Address Valid
75
tCLCL-8
ns
t
AVIV
Address to Valid Instruction In
207
5t
CLCL-105
ns
t
PLAZ
PSEN Low to Address Float
10
10
ns
tRLRH
RD Pulse Width
275
6tCLCL-100
ns
t
WLWH
WR Pulse Width
275
6t
CLCL-100
ns
t
RLDV
RD Low to Valid Data In
147
5t
CLCL-165
ns
tRHDX
Data Hold After RD
00
ns
t
RHDZ
Data Float After RD
65
2t
CLCL-60
ns
t
LLDV
ALE Low to Valid Data In
350
8t
CLCL-150
ns
tAVDV
Address to Valid Data In
397
9tCLCL-165
ns
t
LLWL
ALE Low to RD or WR Low
137
239
3t
CLCL-50
3t
CLCL+50
ns
t
AVWL
Address to RD or WR Low
122
4t
CLCL-130
ns
tQVWX
Data Valid to WR Transition
13
tCLCL-50
ns
t
QVWH
Data Valid to WR High
287
7t
CLCL-150
ns
t
WHQX
Data Hold After WR
13
t
CLCL-50
ns
tRLAZ
RD Low to Address Float
0
0
ns
t
WHLH
RD or WR High to ALE High
23
103
t
CLCL-40
t
CLCL+40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com