Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV72F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV72F
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV72F Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV72F Datasheet HTML 1Page - NXP Semiconductors BYV72F Datasheet HTML 2Page - NXP Semiconductors BYV72F Datasheet HTML 3Page - NXP Semiconductors BYV72F Datasheet HTML 4Page - NXP Semiconductors BYV72F Datasheet HTML 5Page - NXP Semiconductors BYV72F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV72F series
ultrafast
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated, high efficiency,
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
dual, rectifier diodes in a full pack,
plastic
envelope,
featuring
low
BYV72F-
100
150
200
forward
voltage
drop,
ultra-fast
V
RRM
Repetitive peak reverse
100
150
200
V
recovery times and soft recovery
voltage
characteristic. They are intended for
V
F
Forward voltage
0.90
0.90
0.90
V
use in switched mode power supplies
I
O(AV)
Output current (both
20
20
20
A
and high frequency circuits in general
diodes conducting)
where low conduction and switching
t
rr
Reverse recovery time
28
28
28
ns
losses are essential.
PINNING - SOT199
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
anode 1 (a)
2
cathode (k)
3
anode 2 (a)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-100
-150
-200
V
RRM
Repetitive peak reverse voltage
-
100
150
200
V
V
RWM
Crest working reverse voltage
-
100
150
200
V
V
R
Continuous reverse voltage
1
-
100
150
200
V
I
O(AV)
Output current (both diodes
square wave;
δ = 0.5;
-
20
A
conducting)
2
T
hs ≤ 78 ˚C
sinusoidal; a = 1.57;
-
20
A
T
hs ≤ 78 ˚C
I
O(RMS)
RMS forward current
-
20
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
hs ≤ 78 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
150
A
current per diode
t = 8.3 ms
-
160
A
sinusoidal; with reapplied
V
RWM(max)
I
2tI2t for fusing
t = 10 ms
-
112
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
12
3
case
k
a1
a2
13
2
1 T
hs ≤ 125˚C for thermal stability.
2 Neglecting switching and reverse current losses.
October 1994
1
Rev 1.100


Similar Part No. - BYV72F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYV72F-100 ISC-BYV72F-100 Datasheet
320Kb / 2P
Ultrafast Rectifier Diode
BYV72F-150 ISC-BYV72F-150 Datasheet
320Kb / 2P
Ultrafast Rectifier Diode
BYV72F-200 ISC-BYV72F-200 Datasheet
320Kb / 2P
Ultrafast Rectifier Diode
More results

Similar Description - BYV72F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
Guangdong Kexin Industr...
MURS260 KEXIN-MURS260 Datasheet
819Kb / 2P
Ultrafast Rectifier Diodes
logo
NXP Semiconductors
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com