Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV72F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYV72F
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV72F Datasheet(HTML) 2 Page - NXP Semiconductors

  BYV72F Datasheet HTML 1Page - NXP Semiconductors BYV72F Datasheet HTML 2Page - NXP Semiconductors BYV72F Datasheet HTML 3Page - NXP Semiconductors BYV72F Datasheet HTML 4Page - NXP Semiconductors BYV72F Datasheet HTML 5Page - NXP Semiconductors BYV72F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV72F series
ultrafast
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
Repetitive peak voltage from all
R.H.
≤ 65 % ; clean and dustfree
-
2500
V
three terminals to external
heatsink
C
isol
Capacitance from T2 to external f = 1 MHz
-
22
-
pF
heatsink
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
both diodes conducting
heatsink
with heatsink compound
-
-
4.0
K/W
without heatsink compound
-
-
8.0
K/W
per diode
with heatsink compound
-
-
5.0
K/W
without heatsink compound
-
-
9.0
K/W
R
th j-a
Thermal resistance junction to
in free air
-
35
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage (per diode)
I
F = 15 A; Tj = 150˚C
-
0.83
0.90
V
I
F = 15 A
-
0.95
1.05
V
I
F = 30 A
-
1.00
1.20
V
I
R
Reverse current (per diode)
V
R = VRWM; Tj = 100 ˚C
-
0.5
1
mA
V
R = VRWM
-
10
100
µA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Q
s
Reverse recovery charge (per
I
F = 2 A; VR ≥ 30 V; -dIF/dt = 20 A/µs-
6
15
nC
diode)
t
rr
Reverse recovery time (per
I
F = 1 A; VR ≥ 30 V;
-
20
28
ns
diode)
-dI
F/dt = 100 A/µs
I
rrm
Peak reverse recovery current
I
F = 10 A; VR ≥ 30 V;
-
2
2.4
A
(per diode)
-dI
F/dt = 50 A/µs; Tj = 100 ˚C
V
fr
Forward recovery voltage (per
I
F = 1 A; dIF/dt = 10 A/µs-
1
-
V
diode)
October 1994
2
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com