Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV74 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV74
Description  Dual rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV74 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV74 Datasheet HTML 1Page - NXP Semiconductors BYV74 Datasheet HTML 2Page - NXP Semiconductors BYV74 Datasheet HTML 3Page - NXP Semiconductors BYV74 Datasheet HTML 4Page - NXP Semiconductors BYV74 Datasheet HTML 5Page - NXP Semiconductors BYV74 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Dual rectifier diodes
BYV74 series
ultrafast
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated, high efficiency
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
rectifier diodes in a plastic envelope
featuring low forward voltage drop,
BYV74-
300
400
500
ultra fast reverse recovery times and
V
RRM
Repetitive peak reverse
300
400
500
V
soft recovery characteristic. They are
voltage
intended for use in switched mode
V
F
Forward voltage
1.12
1.12
1.12
V
power supplies and high frequency
I
O(AV)
Average output current
30
30
30
A
circuits in general, where both low
(both diodes conducting)
conduction losses and low switching
t
rr
Reverse recovery time
60
60
60
ns
losses are essential.
PINNING - SOT93
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
Anode 1 (a)
2
Cathode (k)
3
Anode 2 (a)
tab
Cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-300
-400
-500
V
RRM
Repetitive peak reverse voltage
-
300
400
500
V
V
RWM
Crest working reverse voltage
-
300
400
500
V
V
R
Continuous reverse voltage
T
mb ≤ 136˚C
-
300
400
500
V
I
O(AV)
Average output current (both
square wave;
δ = 0.5;
-
30
A
diodes conducting)
1
T
mb ≤ 94 ˚C
sinusoidal; a = 1.57;
-
27
A
T
mb ≤ 98 ˚C
I
O(RMS)
RMS output current (both
-
43
A
diodes conducting)
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
mb ≤ 94 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
150
A
current per diode.
t = 8.3 ms
-
160
A
sinusoidal; with reapplied
V
RRM(max)
I
2tI2t for fusing
t = 10 ms
-
112
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
123
tab
k
a1
a2
1
2
3
1 Neglecting switching and reverse current losses.
For output currents in excess of 20 A, connection should be made to the exposed metal mounting base.
August 1996
1
Rev 1.200


Similar Part No. - BYV74

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYV74-300 ISC-BYV74-300 Datasheet
296Kb / 2P
Ultrafast Rectifier Diode
BYV74-400 ISC-BYV74-400 Datasheet
296Kb / 2P
Ultrafast Rectifier Diode
BYV74-500 ISC-BYV74-500 Datasheet
296Kb / 2P
Ultrafast Rectifier Diode
BYV74-600 ISC-BYV74-600 Datasheet
296Kb / 2P
Ultrafast Rectifier Diode
logo
NXP Semiconductors
BYV74F PHILIPS-BYV74F Datasheet
42Kb / 6P
Dual rectifier diodes ultrafast
September 1998 Rev 1.300
More results

Similar Description - BYV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT28 PHILIPS-BYT28 Datasheet
42Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV34 PHILIPS-BYV34 Datasheet
46Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV44 PHILIPS-BYV44 Datasheet
45Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV74F PHILIPS-BYV74F Datasheet
42Kb / 6P
Dual rectifier diodes ultrafast
September 1998 Rev 1.300
BYV74W PHILIPS-BYV74W Datasheet
51Kb / 5P
Dual rectifier diodes ultrafast
April 1998 Rev 1.000
logo
Advanced Power Technolo...
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
NXP Semiconductors
BYT28 PHILIPS-BYT28_15 Datasheet
115Kb / 10P
Dual rectifier diodes ultrafast
Rev. 5-3 November 2011
BYV44 PHILIPS-BYV44_15 Datasheet
111Kb / 7P
Dual rectifier diodes ultrafast
October 1998
logo
WeEn Semiconductors
BYT28 WEEN-BYT28 Datasheet
793Kb / 9P
Dual rectifier diodes ultrafast
BYV44 WEEN-BYV44 Datasheet
313Kb / 7P
Dual rectifier diodes ultrafast
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com