Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE521 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NE521
Description  High?뭆peed Dual?묭ifferential Comparator/Sense Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE521 Datasheet(HTML) 2 Page - ON Semiconductor

  NE521 Datasheet HTML 1Page - ON Semiconductor NE521 Datasheet HTML 2Page - ON Semiconductor NE521 Datasheet HTML 3Page - ON Semiconductor NE521 Datasheet HTML 4Page - ON Semiconductor NE521 Datasheet HTML 5Page - ON Semiconductor NE521 Datasheet HTML 6Page - ON Semiconductor NE521 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NE521
http://onsemi.com
2
LOGIC FUNCTION TABLE
VID (A+, B)
Strobe S
Strobe G
Output (Y)
VID v −VOS
H
H
L
−VOS < VID < VOS
H
H
Undefined
VID w VOS
H
H
H
X
L
X
H
X
X
L
H
Figure 1. Block Diagram
(12)
INPUT 2A
(11)
INPUT 2B
(9)
OUTPUT 3Y
(8)
STROBE 2G
(1)
(2)
(4)
(5)
INPUT 1A
INPUT 1B
OUTPUT 1Y
STROBE 1G
(6)
STROBE S
Q11
V+
14
2
−
+
1
V−
13
R2
R1
Q2
Q1
Q4
Q3
D7
Q9
R4
Q10
Q8
R5
R3
D6
R17
Q6
R16
Q5
Q13
R15
R6
R9
Q19
Q7
R14
5
D2
Q25
R20
6
R21
Q26
Q30
R24
R23
Q27
Q29
Q28
R25
7
12
+
−
11
V+
R8
Q16
Q15
Q14
R12
R11
Q18
R10
Q17
D4
Q20
Q21
R7
D5
Q22
Q23
R18
R19
D3
8
Q24
Q31
R26
Q32
R27
R28
Q36
R29
R30
Q32
Q35
9
Q34
R34
R22
4
Figure 2. Equivalent Schematic
D1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com