Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE521 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NE521
Description  High?뭆peed Dual?묭ifferential Comparator/Sense Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE521 Datasheet(HTML) 1 Page - ON Semiconductor

  NE521 Datasheet HTML 1Page - ON Semiconductor NE521 Datasheet HTML 2Page - ON Semiconductor NE521 Datasheet HTML 3Page - ON Semiconductor NE521 Datasheet HTML 4Page - ON Semiconductor NE521 Datasheet HTML 5Page - ON Semiconductor NE521 Datasheet HTML 6Page - ON Semiconductor NE521 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 4
1
Publication Order Number:
NE521/D
NE521
High−Speed
Dual−Differential
Comparator/Sense Amp
Features
TTL-Compatible Strobes and Outputs
Large Common-Mode Input Voltage Range
Operates from Standard Supply Voltages
Pb−Free Packages are Available
Applications
MOS Memory Sense Amp
A-to-D Conversion
High-Speed Line Receiver
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
Positive
Negative
V+
V−
+7.0
−7.0
V
Differential Input Voltage
VIDR
"6.0
V
Input Voltage
Common Mode
Strobe/Gate
VIN
"5.0
+5.25
V
Maximum Power Dissipation (Note 1)
TA = 25°C (Still−Air)
N Package
D Package
PD
1420
1040
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
100
145
°C/W
Operating Temperature Range
TA
0 to 70
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature
TJ
150
°C
Lead Soldering Temperature (10 sec max)
Tsld
+230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
RecommendedOperating Conditions may affect device reliability.
1. Derate above 25°C at the following rates:
N package at 10 mW/°C
D package at 6.9 mW/°C.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
SOIC−14
D SUFFIX
CASE 751A
INPUT 1A
INPUT 1B
NC
V+
V−
INPUT 2A
INPUT 2B
OUTPUT 1Y
STROBE 1G
GROUND
NC
OUTPUT 2Y
STROBE 2G
D, N Packages
STROBE S
1
2
3
4
5
6
7
14
13
12
11
10
9
8
(Top View)
1
PDIP−14
N SUFFIX
CASE 646
1
NE521G
AWLYWW
1
MARKING
DIAGRAMS
NE521N
AWLYYWWG
A
= Assembly Location
WL
= Wafer Lot
Y, YY = Year
WW = Work Week
G
= Pb−Free Package
1
14
14


Similar Part No. - NE521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE521 PHILIPS-NE521 Datasheet
96Kb / 8P
High-speed dual-differential comparator/sense amp
2001 Aug 03
NE5210 PHILIPS-NE5210 Datasheet
175Kb / 14P
Transimpedance amplifier 280MHz
1995 Apr 26
NE5210D PHILIPS-NE5210D Datasheet
175Kb / 14P
Transimpedance amplifier 280MHz
1995 Apr 26
logo
NEC
NE52118 NEC-NE52118 Datasheet
63Kb / 12P
L to S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
NE52118 NEC-NE52118 Datasheet
41Kb / 7P
L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
More results

Similar Description - NE521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
High-speed dual-differential comparator/sense amp
August 31, 1994
NE521 PHILIPS-NE521 Datasheet
96Kb / 8P
High-speed dual-differential comparator/sense amp
2001 Aug 03
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
Rohm
BA2903WF ROHM-BA2903WF Datasheet
958Kb / 56P
Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
Ground Sense Comparator
logo
ON Semiconductor
NE522 ONSEMI-NE522 Datasheet
69Kb / 8P
High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
logo
Yea Shin Technology Co....
MMBD914 YEASHIN-MMBD914 Datasheet
657Kb / 3P
High?뭆peed Switching Diode
logo
Rohm
BA8391G ROHM-BA8391G Datasheet
2Mb / 57P
Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
1Mb / 23P
Ground Sense Comparator
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com