Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5230 Datasheet(PDF) 13 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button SA5230 Datasheet HTML 9Page - ON Semiconductor SA5230 Datasheet HTML 10Page - ON Semiconductor SA5230 Datasheet HTML 11Page - ON Semiconductor SA5230 Datasheet HTML 12Page - ON Semiconductor SA5230 Datasheet HTML 13Page - ON Semiconductor SA5230 Datasheet HTML 14Page - ON Semiconductor SA5230 Datasheet HTML 15Page - ON Semiconductor SA5230 Datasheet HTML 16Page - ON Semiconductor SA5230 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
13
500 mV/Div 200mS /Div
Biased to Ground
500 mV/Div 20 mS/Div
Biased to Ground
500 mV/Div 20 mS/Div
Biased to Positive Rail
Figure 11. Performance Waveforms for the Circuits in Figures 9 and 10.
Good response is shown at 1.0 and 10 kHz for both circuits under full swing with a 2.0 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com