Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5230 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 2 Page - ON Semiconductor

  SA5230 Datasheet HTML 1Page - ON Semiconductor SA5230 Datasheet HTML 2Page - ON Semiconductor SA5230 Datasheet HTML 3Page - ON Semiconductor SA5230 Datasheet HTML 4Page - ON Semiconductor SA5230 Datasheet HTML 5Page - ON Semiconductor SA5230 Datasheet HTML 6Page - ON Semiconductor SA5230 Datasheet HTML 7Page - ON Semiconductor SA5230 Datasheet HTML 8Page - ON Semiconductor SA5230 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Single Supply Voltage
VCC
18
V
Dual Supply Voltage
VS
±9
V
Input Voltage (Note 1)
VIN
±9 (18)
V
Differential Input Voltage (Note 1)
±VS
V
Common−Mode Voltage (Positive)
VCM
VCC + 0.5
V
Common−Mode Voltage (Negative)
VCM
VEE − 0.5
V
Power Dissipation (Note 2)
PD
500
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
130
182
°C/W
Operating Junction Temperature (Note 2)
TJ
150
°C
Operating Temperature Range
NE
SA
SE
TA
0 to 70
−40 to 85
−40 to 125
°C
80 Output Short−Circuit Duration to Either Power Supply Pin (Notes 2 and 3)
Indefinite
s
Storage Temperature
Tstg
−65 to 150
°C
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Can exceed the supply voltages when VS ≤±7.5 V (15 V).
2. The maximum operating junction temperature is 150°C. At elevated temperatures, devices must be derated according to the package thermal
resistance and device mounting conditions.
Derate above 25°C at the following rates:
N package at 7.7 mW/°C
D package at 5.5 mW/°C.
3. Momentary shorts to either supply are permitted in accordance to transient thermal impedance limitations determined by the package and
device mounting conditions.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Value
Unit
Single Supply Voltage
1.8 to 15
V
Dual Supply Voltage
±0.9 to ±7.5
V
Common−Mode Voltage (Positive)
VCC + 0.25
V
Common−Mode Voltage (Negative)
VEE − 0.25
V
Temperature
NE Grade
SA Grade
SE Grade
0 to +70
−40 to +85
−40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com