Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 82Page - ATMEL Corporation AT89LP214 Datasheet HTML 83Page - ATMEL Corporation AT89LP214 Datasheet HTML 84Page - ATMEL Corporation AT89LP214 Datasheet HTML 85Page - ATMEL Corporation AT89LP214 Datasheet HTML 86Page - ATMEL Corporation AT89LP214 Datasheet HTML 87Page - ATMEL Corporation AT89LP214 Datasheet HTML 88Page - ATMEL Corporation AT89LP214 Datasheet HTML 89Page - ATMEL Corporation AT89LP214 Datasheet HTML 90Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
ii
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Table of Contents (Continued)
11. Power Saving Modes ............................................................................. 16
11.1
Idle Mode ...........................................................................................................16
11.2
Power-down Mode .............................................................................................16
12. Interrupts ................................................................................................ 18
12.1
Interrupt Response Time ....................................................................................20
13. I/O Ports .................................................................................................. 22
13.1
Port Configuration ..............................................................................................22
13.2
Port 1 Analog Functions .....................................................................................25
13.3
Port Read-Modify-Write ......................................................................................25
13.4
Port Alternate Functions .....................................................................................26
14. Enhanced Timer/Counters .................................................................... 27
14.1
Mode 0 – Variable Width Timer/Counter ............................................................27
14.2
Mode 1 – 16-bit Auto-Reload Timer/Counter .....................................................28
14.3
Mode 2 – 8-bit Auto-Reload Timer/Counter .......................................................29
14.4
Mode 3 – 8-bit Split Timer ..................................................................................29
14.5
Pulse Width Modulation .....................................................................................32
15. External Interrupts ................................................................................. 36
16. General-purpose Interrupts .................................................................. 36
17. Serial Interface ....................................................................................... 38
17.1
Multiprocessor Communications ........................................................................38
17.2
Baud Rates ........................................................................................................40
17.3
More About Mode 0 ............................................................................................41
17.4
More About Mode 1 ............................................................................................43
17.5
More About Modes 2 and 3 ................................................................................45
17.6
Framing Error Detection .....................................................................................48
17.7
Automatic Address Recognition .........................................................................48
18. Serial Peripheral Interface ..................................................................... 49
19. Analog Comparator ............................................................................... 55
19.1
Comparator Interrupt with Debouncing ..............................................................55
20. Programmable Watchdog Timer ........................................................... 57
20.1
Software Reset ...................................................................................................58
21. Instruction Set Summary ...................................................................... 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com