Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP214 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 33Page - ATMEL Corporation AT89LP214 Datasheet HTML 34Page - ATMEL Corporation AT89LP214 Datasheet HTML 35Page - ATMEL Corporation AT89LP214 Datasheet HTML 36Page - ATMEL Corporation AT89LP214 Datasheet HTML 37Page - ATMEL Corporation AT89LP214 Datasheet HTML 38Page - ATMEL Corporation AT89LP214 Datasheet HTML 39Page - ATMEL Corporation AT89LP214 Datasheet HTML 40Page - ATMEL Corporation AT89LP214 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
37
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
.
.
Table 16-2.
GPLS
– General-purpose Interrupt Level Select Register
GPLS = 9BH
Reset Value = 0000 0000B
Not Bit Addressable
GPLS7
GPLS6
GPLS5
GPLS4
GPLS3
GPLS2
GPLS1
GPLS0
Bit
7
6
543
21
0
GPMOD.x
0 = detect low level or negative edge on P1.x
1 = detect high level or positive edge on P1.x
Table 16-3.
GPIEN
– General-purpose Interrupt Enable Register
GPIEN = 9CH
Reset Value = 0000 0000B
Not Bit Addressable
GPIEN7
GPIEN6
GPIEN5
GPIEN4
GPIEN3
GPIEN2
GPIEN1
GPIEN0
Bit
7
6
543
21
0
GPIEN.x
0 = interrupt for P1.x disabled
1 = interrupt for P1.x enabled
Table 16-4.
GPIF
– General-purpose Interrupt Flag Register
GPIF = 9DH
Reset Value = 0000 0000B
Not Bit Addressable
GPIF7
GPIF6
GPIF5
GPIF4
GPIF3
GPIF2
GPIF1
GPIF0
Bit
7
6
543
21
0
GPIF.x
0 = interrupt on P1.x inactive
1 = interrupt on P1.x active. Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com