Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP2052 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 66Page - ATMEL Corporation AT89LP2052 Datasheet HTML 67Page - ATMEL Corporation AT89LP2052 Datasheet HTML 68Page - ATMEL Corporation AT89LP2052 Datasheet HTML 69Page - ATMEL Corporation AT89LP2052 Datasheet HTML 70Page - ATMEL Corporation AT89LP2052 Datasheet HTML 71Page - ATMEL Corporation AT89LP2052 Datasheet HTML 72Page - ATMEL Corporation AT89LP2052 Datasheet HTML 73Page - ATMEL Corporation AT89LP2052 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
70
3547F–MICRO–6/06
AT89LP2052/LP4052
22.5
In-System Programming (ISP)
The AT89LP2052/LP4052 offers a serial programming interface which may be used in place of
the parallel programming interface or to program the device while in system. In this document
serial programming and In-System Programming (ISP) refer to the same interface. ISP supports
the same command set as parallel programming. However, during ISP command bytes are
entered serially over the Serial Peripheral Interface (SPI) pins. The device connections are
shown in Figure 22-21. The ISP Enable User Fuse must be enabled through Parallel Program-
ming prior to entering the first ISP session. ISP itself may disable the ISP Fuse, however any
changes to the ISP fuses will not take affect until the device has been powered down and up
again. The programmer must take care not to accidentally disable the ISP Fuse as this will make
the device unprogrammable through the serial interface. Only Parallel Programming may re-
enable the fuse.
Table 22-3.
Parallel Flash Programming and Verification Parameters
Symbol
Parameter
Min
Max
Units
V
PPH
Programming Enable Input High Voltage
11.5
12.5
V
VPPL
Programming Enable Input Low Voltage
-0.5
VCC
V
I
PP
Programming Enable Current
1.0
mA
tPWRUP
Power-on to RST High
10
µs
tPOR
Power-on Reset Time
2
ms
t
CSTP
CS Setup to V
PP High
10
µs
tHSTL
High Voltage Setting time
10
µs
tCLXH
CS Low to XTAL1 High
100
ns
t
XTH
XTAL1 High Width
125
ns
tXTL
XTAL1 Low Width
75
ns
tDSTP
Data Setup to XTAL1 High
50
ns
t
DHLD
Data Hold after XTAL1 High
50
ns
tXLDO
XTAL1 Low to Data Out
20
ns
tXLDV
XTAL1 Low to Data Valid
100
ns
t
XLCH
XTAL1 Low to CS High
100
ns
tCHDZ
CS High to Data Tri-state
20
ns
tCHBL
CS High to BUSY Low
3
µs
t
WRC
Write Cycle Time
4.5
ms
tERS
Erase Cycle Time
9
ms
t
BHPG
BUSY High to Next Erase/Write
3
µs
t
BHHl
BUSY High to V
PP Off
10
µs
tCLRL
CS Low to RST Low
1
µs
t
PWRDN
RST Low to Power Off
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com