Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP2052 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 50Page - ATMEL Corporation AT89LP2052 Datasheet HTML 51Page - ATMEL Corporation AT89LP2052 Datasheet HTML 52Page - ATMEL Corporation AT89LP2052 Datasheet HTML 53Page - ATMEL Corporation AT89LP2052 Datasheet HTML 54Page - ATMEL Corporation AT89LP2052 Datasheet HTML 55Page - ATMEL Corporation AT89LP2052 Datasheet HTML 56Page - ATMEL Corporation AT89LP2052 Datasheet HTML 57Page - ATMEL Corporation AT89LP2052 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
54
3547F–MICRO–6/06
AT89LP2052/LP4052
22. Programming the Flash Memory
The AT89LP2052/LP4052 offers 2/4K bytes of In-System Programmable (ISP) non-volatile
Flash code memory. In addition, the device contains a 32-byte User Signature Row and a
32-byte read-only Atmel Signature Row. The memory organization is shown in Table 22-1. The
Memory is divided into pages of 32 bytes each. A single read or write command may only
access a single page in the memory.
The AT89LP2052/LP4052 provides two flexible interfaces for programming the Flash memory: a
parallel interface which uses 10 pins; and a serial interface which uses the 4 SPI pins. ISP and
serial programming are identical. Both interfaces support the same command format where
each command is issued to the device one byte at a time. Commands consist of a preamble
byte for noise immunity, an opcode byte, two address bytes, and from 1 to 32 data bytes. Figure
22-1 shows a simplified flow chart of a command sequence.
Figure 22-1. Command Sequence Flow Chart
Table 22-1.
Memory Organization
Device #
Code Size
Page Size
# Pages
Address Range
AT89LP2052
2K bytes
32 bytes
64
0000H - 07FFH
AT89LP4052
4K bytes
32 bytes
128
0000H - 0FFFH
Input Preamble
(AAh)
Input Opcode
Input Address
High Byte
Input Address
Low Byte
Input/Output
Data
Address +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com