Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV79 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV79
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV79 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV79 Datasheet HTML 1Page - NXP Semiconductors BYV79 Datasheet HTML 2Page - NXP Semiconductors BYV79 Datasheet HTML 3Page - NXP Semiconductors BYV79 Datasheet HTML 4Page - NXP Semiconductors BYV79 Datasheet HTML 5Page - NXP Semiconductors BYV79 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV79 series
ultrafast
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated high efficiency
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
rectifier diodes in a plastic envelope,
featuring low forward voltage drop,
BYV79-
100
150
200
ultra-fast recovery times and soft
V
RRM
Repetitive peak reverse
100
150
200
V
recovery characteristic. They are
voltage
intended for use in switched mode
V
F
Forward voltage
0.9
0.9
0.9
V
power supplies and high frequency
I
F(AV)
Forward current
14
14
14
A
circuits
in
general
where
low
t
rr
Reverse recovery time
30
30
30
ns
conduction and switching losses are
essential.
PINNING - TO220AC
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode (k)
2
anode (a)
tab
cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-100
-150
-200
V
RRM
Repetitive peak reverse voltage
-
100
150
200
V
V
RWM
Crest working reverse voltage
-
100
150
200
V
V
R
Continuous reverse voltage
1
-
100
150
200
V
I
F(AV)
Average forward current
2
square wave;
δ = 0.5;
-
14
A
T
mb ≤ 120 ˚C
sinusoidal; a = 1.57;
-
12.7
A
T
mb ≤ 122 ˚C
I
F(RMS)
RMS forward current
-
20
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
28
A
T
mb ≤ 120 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
150
A
current
t = 8.3 ms
-
160
A
sinusoidal; with reapplied
V
RWM(max)
I
2t
I
2t for fusing
t = 10 ms
-
112
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1
tab
2
k
a
1 T
mb ≤ 145˚C for thermal stability.
2 Neglecting switching and reverse current losses.
October 1994
1
Rev 1.100


Similar Part No. - BYV79

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYV79-100 ISC-BYV79-100 Datasheet
280Kb / 2P
Ultrafast Power Diode
BYV79-200 ISC-BYV79-200 Datasheet
280Kb / 2P
Ultrafast Power Diode
BYV79-300 ISC-BYV79-300 Datasheet
280Kb / 2P
Ultrafast Power Diode
logo
NXP Semiconductors
BYV79E PHILIPS-BYV79E Datasheet
44Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
More results

Similar Description - BYV79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
Guangdong Kexin Industr...
MURS260 KEXIN-MURS260 Datasheet
819Kb / 2P
Ultrafast Rectifier Diodes
logo
NXP Semiconductors
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com