Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV79 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV79
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV79 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV79 Datasheet HTML 1Page - NXP Semiconductors BYV79 Datasheet HTML 2Page - NXP Semiconductors BYV79 Datasheet HTML 3Page - NXP Semiconductors BYV79 Datasheet HTML 4Page - NXP Semiconductors BYV79 Datasheet HTML 5Page - NXP Semiconductors BYV79 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV79 series
ultrafast
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Maximum forward dissipation P
F = f(IF(AV));
square current waveform where I
F(AV) =IF(RMS) x √D.
Fig.4. Maximum forward dissipation P
F = f(IF(AV));
sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.5. Maximum t
rr at Tj = 25 ˚C.
Fig.6. Maximum t
rr at Tj = 100 ˚C.
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
0
5
10
15
0
5
10
15
1.9
2.2
2.8
4
BYV79
IF(AV) / A
PF / W
Tmb(max) / C
150
140
130
120
a = 1.57
Vo = 0.744 V
Rs = 0.0112 Ohms
time
time
V
F
V
fr
V
F
I
F
1
10
trr / ns
1
10
100
1000
dIF/dt (A/us)
IF=1A
IF=10A
100
0
5
10
15
20
25
0
5
10
15
20
0.5
0.2
0.1
BYV79
IF(AV) / A
PF / W
D = 1.0
Tmb(max) / C
150
140
130
120
110
Vo = 0.744 V
Rs = 0.0112 Ohms
D =
tp
tp
T
T
t
I
1
10
trr / ns
1
10
100
1000
100
-dIF/dt (A/us)
IF=1A
IF=10A
Tj = 100 C
October 1994
3
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com